Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75810T-8725-E Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części LC75810T-8725-E
Szczegółowy opis  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75810T-8725-E Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button LC75810T-8725-E Datasheet HTML 4Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 5Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 6Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 7Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 8Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 9Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 10Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 11Page - ON Semiconductor LC75810T-8725-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LC75810E/T
No.7141-8/54
Block Functions
AC (Address counter)
AC is a counter that provides the DCRAM address.
The address is automatically modified internally, and the LCD display state is retained.
DCRAM (Data control RAM)
DCRAM is the RAM that is used to store display data expressed as 8-bit character codes. (These character codes are
converted to 5
× 7, 5 × 8, or 5 × 9 dot matrix character patterns using CGROM or CGRAM.)
DCRAM has a capacity of 64
× 8 bits, and can hold 64 characters. The table below lists the correspondence between the
6-bit DCRAM address loaded into AC and the display position on the LCD panel.
For a 64 digits
× 1 line display structure (For a “set display technique” instruction with 0Z1 = 0 and 0Z2 = 0)
When the DCRAM address loaded into AC is 00H
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
61 62 63 64
DCRAM address
(hexadecimal)
First line
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11
3C 3D 3E 3F
However, when the display smooth scrolling is performed, the DCRAM address shifts as follows.
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
61 62 63 64
DCRAM address
(hexadecimal)
First line
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12
3D 3E 3F 00
Shift to the left
by 1 character
digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
61 62 63 64
DCRAM address
(hexadecimal)
First line
3F 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10
3B 3C 3D 3E
Shift to the right
by 1 character
digit
Note that the display area on the LCD is display digits 1 to 16 on the first line when a display technique is 5
× 7, 5 × 8,
or 5
× 9 dots, and it is display digits 1 to 13 on the first line when a display technique is 6 × 7, 6 × 8, or 6 × 9 dots.
For a 32 digits
× 2 lines display structure (For a “set display technique” instruction with 0Z1 = 1 and 0Z2 = 0)
When the DCRAM address loaded into AC is 00H
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
29 30 31 32
First line
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11
1C 1D 1E 1F
DCRAM address
(hexadecimal)
Second line 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31
3C 3D 3E 3F
However, when the display smooth scrolling is performed, the DCRAM address shifts as follows.
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
29 30 31 32
First line
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12
1D 1E 1F 00
DCRAM address
(hexadecimal)
Second line 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31 32
3D 3E 3F 20
Shift to the left
by 1 character
digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
29 30 31 32
First line
1F 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10
1B 1C 1D 1E
DCRAM address
(hexadecimal)
Second line 3F 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30
3B 3C 3D 3E
Shift to the right
by 1 character
digit
Display digit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
29 30 31 32
First line
20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31
3C 3D 3E 3F
DCRAM address
(hexadecimal)
Second line 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11
1C 1D 1E 1F
Shift to the up or
down by 1
character digit
Note that the display area on the LCD is display digits 1 to 16 on the first line when a display technique is 5
× 7, 5 × 8,
or 5
× 9 dots, and it is display digits 1 to 13 on the first line when a display technique is 6 × 7, 6 × 8, or 6 × 9 dots.


Podobny numer części - LC75810T-8725-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75810T SANYO-LC75810T Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
More results

Podobny opis - LC75810T-8725-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com