Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75810E Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LC75810E
Szczegółowy opis  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75810E Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LC75810E Datasheet HTML 3Page - ON Semiconductor LC75810E Datasheet HTML 4Page - ON Semiconductor LC75810E Datasheet HTML 5Page - ON Semiconductor LC75810E Datasheet HTML 6Page - ON Semiconductor LC75810E Datasheet HTML 7Page - ON Semiconductor LC75810E Datasheet HTML 8Page - ON Semiconductor LC75810E Datasheet HTML 9Page - ON Semiconductor LC75810E Datasheet HTML 10Page - ON Semiconductor LC75810E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
LC75810E/T
No.7141-7/54
Pin Functions
Pin No.
Pin
LC75810E
LC75810T
Function
Active
level
I/O
Handling
when
unused
S1 to S78
S79/COM10
S80/COM9
3 to 80
81
82
1 to 78
79
80
Segment driver outputs
The S79/COM10 and S80/COM9 pins can be used as common
driver outputs under the “set display technique” instruction.
O
OPEN
COM1 to COM8
90 to 83
88 to 81
Common driver outputs
O
OPEN
OSC
98
96
Oscillator connection. An oscillator circuit is formed by connecting
an external resistor and capacitor at this pin.
I/O
VDD
CE
100
98
H
I
CL
1
99
I
DI
2
100
Serial data transfer inputs. These pins are connected to the
microcontroller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
I
GND
RES
99
97
Reset signal input
• When RES is low (VSS)
− Display off
S1 to S78
= “L” (VSS)
S79/COM10 and S80/COM9
= “L” (VSS)
COM1 to COM8
= “L” (VSS)
− Serial data transfer is disabled.
− The OSC pin oscillator is stopped.
• When RES is high (VDD)
− Display on after a “display on/off control” (display on state
setting) instruction is executed.
− Serial data transfers are enabled.
− The OSC pin oscillator operates.
L
I
GND
VLCD0
93
91
LCD drive 4/4 bias voltage (high level) supply pin. The level on
this pin can be changed by the display contrast adjustment circuit.
However, VLCD0 must be greater than or equal to 4.5 V. Also,
external power must not be applied to this pin since the pin circuit
includes the display contrast adjustment circuit.
O
OPEN
VLCD1
94
92
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 3/4 VLCD0 voltage level externally.
I
OPEN
VLCD2
95
93
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 2/4 VLCD0 voltage level externally.
I
OPEN
VLCD3
96
94
LCD drive 1/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 1/4 VLCD0 voltage level externally.
I
OPEN
VDD
91
89
Logic block power supply connection. Provide a voltage of
between 2.7 and 6.0 V.
VLCD
92
90
LCD driver block power supply connection. Provide a voltage of
between 7.0 and 10.0 V when the display contrast adjustment
circuit is used and provide a voltage of between 4.5 and 10.0 V
when the circuit is not used.
VSS
97
95
Power supply connection. Connect to ground.


Podobny numer części - LC75810E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
More results

Podobny opis - LC75810E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com