Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4040B Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LM4040B
Szczegółowy opis  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040B Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LM4040B Datasheet HTML 5Page - ON Semiconductor LM4040B Datasheet HTML 6Page - ON Semiconductor LM4040B Datasheet HTML 7Page - ON Semiconductor LM4040B Datasheet HTML 8Page - ON Semiconductor LM4040B Datasheet HTML 9Page - ON Semiconductor LM4040B Datasheet HTML 10Page - ON Semiconductor LM4040B Datasheet HTML 11Page - ON Semiconductor LM4040B Datasheet HTML 12Page - ON Semiconductor LM4040B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM4040, LM4041
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Temperature Drift − LM4040
Figure 8. Temperature Drift − LM4041
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
−0.5
−0.4
−0.3
−0.2
−0.1
0.1
0.2
0.3
100
80
60
40
20
0
−20
−40
−0.5
−0.4
−0.3
−0.2
0
0.2
0.3
0.4
Figure 9. Output Impedance vs. Frequency
Figure 10. Output Impedance vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
1.E+04
1.E+03
1.E+02
1.E+03
Figure 11. Reverse Characteristics − LM4041
REVERSE VOLTAGE (V)
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
0
IR = 150 mA
−20 ppm/°C
+35 ppm/°C
−40°C
+25°C
+85°C
−0.1
0.1
IR = 150 mA
−29 ppm/°C
+48 ppm/°C
1.E+05
1.E+06
CL = 0 mF
CL = 1 mF
IR = 150 mA
TJ = 25°C,
DIR = 0.1IR
1.E+02
1.E+01
1.E+00
1.E−01
LM4041 − 1.225 V
LM4040 − 2.5 V
LM4040 − 5 V
1.E+03
1.E+02
1.E+01
1.E+00
1.E−01
1.E+04
1.E+03
1.E+02
1.E+05
1.E+06
CL = 0 mF
CL = 1 mF
IR = 1 mA
TJ = 25°C,
DIR = 0.1IR
LM4041 − 1.225 V
LM4040 − 2.5 V
LM4040 − 5 V


Podobny numer części - LM4040B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
LM4040B ZETEX-LM4040B Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Silicon Supplies
LM4040B-1.2 SS-LM4040B-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040B-10 SS-LM4040B-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040B-2.5 SS-LM4040B-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040B-4.1 SS-LM4040B-4.1 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
More results

Podobny opis - LM4040B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com