Zakładka z wyszukiwarką danych komponentów |
|
LM385BD-1.2R2G Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
LM385BD-1.2R2G Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2008 March, 2008 - Rev. 8 1 Publication Order Number: LM285/D LM285, LM385B Micropower Voltage Reference Diodes The LM285/LM385 series are micropower two-terminal bandgap voltage regulator diodes. Designed to operate over a wide current range of 10 mA to 20 mA, these devices feature exceptionally low dynamic impedance, low noise and stable operation over time and temperature. Tight voltage tolerances are achieved by on-chip trimming. The large dynamic operating range enables these devices to be used in applications with widely varying supplies with excellent regulation. Extremely low operating current make these devices ideal for micropower circuitry like portable instrumentation, regulators and other analog circuitry where extended battery life is required. The LM285/LM385 series are packaged in a low cost TO-226 plastic case and are available in two voltage versions of 1.235 V and 2.500 V as denoted by the device suffix (see Ordering Information table). The LM285 is specified over a -40 °C to +85°C temperature range while the LM385 is rated from 0 °C to +70°C. The LM385 is also available in a surface mount plastic package in voltages of 1.235 V and 2.500 V. Features • Operating Current from 10 mA to 20 mA • 1.0%, 1.5%, 2.0% and 3.0% Initial Tolerance Grades • Low Temperature Coefficient • 1.0 W Dynamic Impedance • Surface Mount Package Available • Pb-Free Packages are Available Figure 1. Representative Schematic Diagram Open for 1.235 V 10 k Cathode Anode 100 k 500 W 600 k 600 k 425 k 74.3 k 8.45 k 600 k 360 k Open for 2.5 V - + LM385-1.2 1.235 V 3.3 k 1.5 V Battery Standard Application SOIC-8 D SUFFIX CASE 751 http://onsemi.com (Bottom View) 3 12 8 7 6 5 Cathode N.C. N.C. N.C. 4 3 2 Anode N.C. N.C. 1 N.C. N.C. Cathode Anode TO-92 (TO-226) Z SUFFIX CASE 29 See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ORDERING INFORMATION MARKING DIAGRAMS xxx = 1.2 or 2.5 y = 2 or 3 z = 1 or 2 A = Assembly Location L = Wafer Lot Y = Year W, WW = Work Week G = Pb-Free Package LMy85 Z-xxx ALYWW G G 1 8 (Note: Microdot may be in either location) y85-z ALYW G 1 8 |
Podobny numer części - LM385BD-1.2R2G |
|
Podobny opis - LM385BD-1.2R2G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |