Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT139MEL Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC74ACT139MEL
Szczegółowy opis  Dual 1?뭥f?? Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT139MEL Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC74ACT139MEL Datasheet HTML 1Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 2Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 3Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 4Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 5Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 6Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 7Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 8Page - ON Semiconductor MC74ACT139MEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC74AC139/D
MC74AC139, MC74ACT139
Dual 1−of−4
Decoder/Demultiplexer
The MC74AC139/74ACT139 is a high−speed, dual 1−of−4
decoder/demultiplexer. The device has two independent decoders,
each accepting two inputs and providing four mutually−exclusive
active−LOW outputs. Each decoder has an active−LOW Enable input
which can be used as a data input for a 4−output demultiplexer. Each
half of the MC74AC139/74ACT139 can be used as a function
generator providing four minterms of two variables.
Multifunctional Capability
Two Completely Independent 1−of−4 Decoders
Active LOW Mutually Exclusive Outputs
Outputs Source/Sink 24 mA
′ACT139 Has TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
Eb
A0b
A1b
Ea
GND
O0b
O1b O2b
O3b
A0a
A1a
O0a O1a O2a
O3a
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
A0, A1
Address Inputs
E
Enable Inputs
O0−O3
Outputs
TRUTH TABLE
Inputs
Outputs
E
A0
A1
O0
O1
O2
O3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
H
L
H
L
H
H
L
L
H
H
H
L
H
L
H
H
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC139N
PDIP−16
25 Units/Rail
MC74AC139D
SOIC−16
48 Units/Rail
MC74AC139DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC139DT
TSSOP−16
96 Units/Rail
MC74AC139DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT139N
PDIP−16
25 Units/Rail
MC74ACT139D
SOIC−16
48 Units/Rail
MC74ACT139DR2
2500 Tape & Reel
MC74ACT139DT
TSSOP−16
96 Units/Rail
SOIC−16
1
16
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC139M
EIAJ−16
MC74AC139MEL
EIAJ−16
2000 Tape & Reel
MC74ACT139M
EIAJ−16
MC74ACT139MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Podobny numer części - MC74ACT139MEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT139MEL ONSEMI-MC74ACT139MEL Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
More results

Podobny opis - MC74ACT139MEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com