Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD14016S Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BD14016S
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD14016S Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BD14016S Datasheet HTML 1Page - Fairchild Semiconductor BD14016S Datasheet HTML 2Page - Fairchild Semiconductor BD14016S Datasheet HTML 3Page - Fairchild Semiconductor BD14016S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle=2% Pulsed
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD136
: BD138
: BD140
- 45
- 60
- 80
V
V
V
VCEO
Collector-Emitter Voltage
: BD136
: BD138
: BD140
- 45
- 60
- 80
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 1.5
A
ICP
Collector Current (Pulse)
- 3.0
A
IB
Base Current
- 0.5
A
PC
Collector Dissipation (TC=25°C)
12.5
W
PC
Collector Dissipation (Ta=25°C)
1.25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD136
: BD138
: BD140
IC = - 30mA, IB = 0
- 45
- 60
- 80
V
V
V
ICBO
Collector Cut-off Current
VCB = - 30V, IE = 0
- 0.1
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 10
µA
hFE1
hFE2
hFE3
* DC Current Gain
VCE = - 2V, IC = - 5mA
VCE = - 2V, IC = - 0.5A
VCE = - 2V, IC = - 150mA
25
25
40
250
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 500mA, IB = - 50mA
- 0.5
V
VBE(on)
* Base-Emitter ON Voltage
VCE = - 2V, IC = - 0.5A
- 1
V
Classification
6
10
16
hFE3
40 ~ 100
63 ~ 160
100 ~ 250
BD136/138/140
Medium Power Linear and Switching
Applications
• Complement to BD135, BD137 and BD139 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Podobny numer części - BD14016S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BD14016S ONSEMI-BD14016S Datasheet
315Kb / 5P
   PNP Epitaxial Silicon Transistor
November, 2019 ??Rev. 1
BD14016STU ONSEMI-BD14016STU Datasheet
315Kb / 5P
   PNP Epitaxial Silicon Transistor
November, 2019 ??Rev. 1
More results

Podobny opis - BD14016S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com