Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD54HC162F3A Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części CD54HC162F3A
Szczegółowy opis  BCD SYNCHRONOUS DECADE COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD54HC162F3A Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CD54HC162F3A Datasheet HTML 5Page - Texas Instruments CD54HC162F3A Datasheet HTML 6Page - Texas Instruments CD54HC162F3A Datasheet HTML 7Page - Texas Instruments CD54HC162F3A Datasheet HTML 8Page - Texas Instruments CD54HC162F3A Datasheet HTML 9Page - Texas Instruments CD54HC162F3A Datasheet HTML 10Page - Texas Instruments CD54HC162F3A Datasheet HTML 11Page - Texas Instruments CD54HC162F3A Datasheet HTML 12Page - Texas Instruments CD54HC162F3A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC = 2 V
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
CD54HC160
CD54HC162
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
MAX
MIN
MAX
tPLH
CLK
RCO
CL =50 pF
185
280
ns
tPHL
CLK
RCO
CL = 50 pF
185
280
ns
tPLH
CLK
Q
CL =50 pF
185
280
ns
tPHL
CLK
Q
CL = 50 pF
185
280
ns
tPLH
ENT
RCO
CL =50 pF
120
180
ns
tPHL
ENT
RCO
CL = 50 pF
120
180
ns
tPHL
CLR
Q (’160 only)
CL =50 pF
210
315
ns
tPHL
CLR
RCO (’160 only)
CL = 50 pF
210
315
ns
tTLH
CL =50 pF
75
110
ns
tTHL
CL = 50 pF
75
110
ns
switching characteristics over recommended operating free-air temperature range, VCC = 4.5 V
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
CD54HC160
CD54HC162
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
MAX
MIN
MAX
tPLH
CLK
RCO
CL =50 pF
37
56
ns
tPHL
CLK
RCO
CL = 50 pF
37
56
ns
tPLH
CLK
Q
CL =50 pF
37
56
ns
tPHL
CLK
Q
CL = 50 pF
37
56
ns
tPLH
ENT
RCO
CL =50 pF
24
36
ns
tPHL
ENT
RCO
CL = 50 pF
24
36
ns
tPHL
CLR
Q (’160 only)
CL =50 pF
42
63
ns
tPHL
CLR
RCO (’160 only)
CL = 50 pF
42
63
ns
tTLH
CL =50 pF
15
22
ns
tTHL
CL = 50 pF
15
22
ns


Podobny numer części - CD54HC162F3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC162F3A TI-CD54HC162F3A Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
More results

Podobny opis - CD54HC162F3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
   Synchronous Decade Counters(synchronous clear)
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com