Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5687IPZPG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC5687IPZPG4
Szczegółowy opis  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC5687IPZPG4 Datasheet HTML 1Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 2Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 3Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 4Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 5Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 6Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 7Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 8Page - Texas Instruments DAC5687IPZPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
(1)
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SLEEP
96
I
Asynchronous hardware power-down input. Active-High. Internal pulldown.
TXENABLE has two purposes. In all modes, TXENABLE must be high for the DATA to the DAC to
be enabled. When TXENABLE is low, the digital logic section is forced to all 0, and any input data
presented to DA[15:0] and DB[15:0] is ignored. In interleaved data mode, when the qflag register
TXENABLE
33
I
bit is cleared, TXENABLE is used to synchronizes the data to channels A and B. The first data
after the rising edge of TXENABLE is treated as A data, while the next data is treated as B data,
and so on.
TESTMODE
97
I
TESTMODE is DGND for the user
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
AVDD(2)
–0.5 V to 4 V
DVDD(3)
–0.5 V to 2.3 V
Supply voltage range
CLKVDD(2)
–0.5 V to 4 V
IOVDD(2)
–0.5 V to 4 V
PLLVDD(2)
–0.5 V to 4 V
Voltage between AGND, DGND, CLKGND, PLLGND, and IOGND
–0.5 V to 0.5 V
AVDD to DVDD
–0.5 V to 2.6 V
DA[15:0](4)
–0.5 V to IOVDD + 0.5 V
DB[15:0](4)
–0.5 V to IOVDD + 0.5 V
SLEEP(4)
–0.5 V to IOVDD + 0.5 V
CLK1/2, CLK1/2C(3)
–0.5 V to CLKVDD + 0.5 V
Supply voltage range
RESETB(4)
–0.5 V to IOVDD + 0.5 V
LPF(4)
–0.5 V to PLLVDD + 0.5 V
IOUT1, IOUT2(2)
–1 V to AVDD + 0.5 V
EXTIO, BIASJ(2)
–0.5 V to AVDD + 0.5 V
EXTLO(2)
–0.5 V to IAVDD + 0.5 V
Peak input current (any input)
20 mA
Peak total input current (all inputs)
30 mA
TA
Operating free-air temperature range (DAC5687I)
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND.
(3)
Measured with respect to DGND.
(4)
Measured with respect to IOGND.
over operating free-air temperature range (unless otherwise noted)
Thermal Conductivity
100 HTQFP
UNIT
TJ
Junction temperature(2)
105
°C
Theta junction-to-ambient (still air)
19.88
°C/W
θ
JA
Theta junction-to-ambient (150 lfm) (0.762 m/s)
14.37
°C/W
(1)
Air flow or heat sinking reduces
θ
JA and is highly recommended.
(2)
Air flow or heat sinking required for sustained operation at 85
°C and maximum operating conditions to maintain junction temperature.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5687


Podobny numer części - DAC5687IPZPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Podobny opis - DAC5687IPZPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
[Old version datasheet]   16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com