Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES5JB Arkusz danych(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Numer części ES5JB
Szczegółowy opis  5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ES5JB Arkusz danych(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  ES5JB Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ES5JB Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ES5AB thru ES5JB
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
150
120
90
60
30
0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
®
ES5AB thru ES5JB
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
REV.04

0

4



3

5 0






0

-./012
B`R<WHT
]-F/:aE
b]`-c2c2RW
ES5AA-ES5DA
ES5EA-ES5GA
ES5JA


Podobny numer części - ES5JB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UN Semiconducctor INC
ES5JB UNSEMI-ES5JB Datasheet
2Mb / 4P
   Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
Microdiode Electronics ...
ES5JBF CHENDA-ES5JBF Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES5JBF YFWDIODE-ES5JBF Datasheet
194Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES5JBF SEMIPOWER-ES5JBF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
GUANGDONG HOTTECH INDUS...
ES5JBF HOTTECH-ES5JBF Datasheet
177Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Podobny opis - ES5JB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES3A THINKISEMI-ES3A Datasheet
636Kb / 2P
   3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
logo
RFE international
UG2A RFE-UG2A Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
U1AF RFE-U1AF Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
NTE Electronics
NTE576 NTE-NTE576 Datasheet
15Kb / 1P
   5.0 Ampere Super Fast Rectifier
logo
Thinki Semiconductor Co...
STTH502B THINKISEMI-STTH502B Datasheet
401Kb / 2P
   5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com