Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPPM0302DGN Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPPM0302DGN
Szczegółowy opis  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302DGN Arkusz danych(HTML) 2 Page - Texas Instruments

  TPPM0302DGN Datasheet HTML 1Page - Texas Instruments TPPM0302DGN Datasheet HTML 2Page - Texas Instruments TPPM0302DGN Datasheet HTML 3Page - Texas Instruments TPPM0302DGN Datasheet HTML 4Page - Texas Instruments TPPM0302DGN Datasheet HTML 5Page - Texas Instruments TPPM0302DGN Datasheet HTML 6Page - Texas Instruments TPPM0302DGN Datasheet HTML 7Page - Texas Instruments TPPM0302DGN Datasheet HTML 8Page - Texas Instruments TPPM0302DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
5VCC
5-V
Detection
Current
Sensor
Linear Regulator
With LDO
Gate Drive
and Control
Over
Temperature
3.3VOUT
5VAUX
5VAUX
Detection
Current
Sensor
Gate Drive
and Control
GND
3.3VAUX
3VAUX
Detection
Current
Sensor
Low ON
Resistance
Switch
Gate Drive
5-V Detection
and Control
POK
Reset
Voltage
Supervisor
3.3VOUT
Linear Regulator
With LDO
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3.3VAUX
4
I
3.3-V auxiliary input
3.3VOUT
3
O
3.3-V output with a typical capacitance load of 4.7
µF
5VAUX
1
I
5-V auxiliary input
5VCC
2
I
5-V main input
GND
7
I
Ground
NC
6, 8
I
No internal connection
POK
5
O
Power OK


Podobny numer części - TPPM0302DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results

Podobny opis - TPPM0302DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Analog Technol...
AAT1205 AAT-AAT1205 Datasheet
442Kb / 21P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com