Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1910CSRLG Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1910CSRLG
Szczegółowy opis  680kHz/1.2MHz High Voltage Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910CSRLG Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1910CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
1/8
Version: A12
SOP-8EP
General Description
The TS1910 is a high performance, high efficiency step up DC-DC Converter with integrated 2A. The TS1910
converter input voltage ranging from 2.6 to 5.5V. The Output voltage can be set up to 27V. The selectable
frequency of 680kHz and 1.2MHz allows the use of small external inductors and capacitors and provides fast
transient response. Current mode control with external compensation network makes it easy to stabilize the
system and keep maximum flexibility. Programmable soft start function minimizes impact on the input power
system. Internal power MOSFET with very low RDS(ON) provides high efficiency. The TS1910 automatically transits
from PWM to PFM during light load condition further increasing efficiency. The converter also provides protection
functions such as Current Limit and Thermal shutdown.
Features
2.6V to 5.5V operating input voltage range
Adjustable output voltage range up to 27V
Up to 2A output switch current
680K/1.2MHz Selectable Switching Frequency
Programmable soft-start function
External Compensation Network
Current limit and Thermal shutdown protection
Under voltage Lockout
≤1µA Shutdown Current
Application
Digital Still Cameras
Portable Electronics
PDA’s and Palm-Top Computers
Local Boost Regulator
Ordering Information
Part No.
Package
Packing
TS1910CS RLG
SOP-8EP
2.5Kpcs / 13” Reel
Note: “G” denotes for Halogen Free
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6
V
EN, FREQ,COMP,FB,SS, Pin Voltage
GND - 0.3 to VCC + 0.3
V
LX Pin Voltage
VLX
30
V
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note: θJA is measured with the PCB copper area of approximately 1.5 in2(Multi-layer). That copper area needs
connect to exposed pad.
Pin Definition:
1. COMP
8. SS
2. FB
7. FREQ
3. EN
6. VCC
4. GND
5. LX


Podobny numer części - TS1910CSRLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910ACSRLG TSC-TS1910ACSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
More results

Podobny opis - TS1910CSRLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Advanced Power Electron...
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
   680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com