Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2581CS-RLG Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2581CS-RLG
Szczegółowy opis  PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2581CS-RLG Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2581CS-RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2581CS-RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS2581
PWM Controller
5/7
Version: A11
Application Information (Continue)
Output Capacitor Selection
The output capacitor is required to filter the output and provide regulator loop stability. The important capacitor
parameters are; the 100 KHz Equivalent Series Resistance (ESR), the RMS ripples current rating, voltage rating,
and capacitance value. For the output capacitor, the ESR value is the most important parameter. The ESR can be
calculated from the following formula.
ESR
I
V
L
RIPPLE
×
=
= 0.6A x 80mΩ= 48mV
An aluminum electrolytic capacitor’s ESR value is related to the capacitance and its voltage rating. In most case,
higher voltage electrolytic capacitors have lower ESR values. Most of the time, capacitors with much higher voltage
ratings may be needed to provide the low ESR values required for low output ripple voltage. System stability is
depending on output capacitor’s ESR, Correct to choose output capacitor’s ESR is very important. It is
recommended to using a 220~470µF, the ESR values range is 40~130mΩ.
EN/CT
The pin is enable/shutdown and auto restart control functions. When system is normal operating, this pin is
enable/shutdown function. Pulling this pin below a threshold voltage of under 0.3V shuts the regulator off, and
pulling this pin from 0.5V to 1.5V turns the regulator on. However when VOUT is short (VFB<0.4V), the auto restart
function can be started that restart the regulator cycle by cycle. The cycle time is set by outside capacitor (C6).
Please refer the below waveform and formula, the t2 cycle is regulator off time and t1 cycle is current limit time. The
charge-current is 30uA and discharge-current is 1.3uA.
VEN/CT
Time
t1
t2
Time
Iin (A)
0.5V
1.5V
0
Current Limit
Thermal Consideration
The SOP-8L package needs a heat sink under most conditions. The heat sink connect exposed pad of TS2581 to
obtain best effect. The size of the heat sink depends on the input voltage, the output voltage, the load current and
the ambient temperature.


Podobny numer części - TS2581CS-RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS258 TSC-TS258 Datasheet
168Kb / 6P
   Dual Operating Amplifier
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
TS2580CSRL TSC-TS2580CSRL Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
TS2580CSRLG TSC-TS2580CSRLG Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
TS258CD TSC-TS258CD Datasheet
168Kb / 6P
   Dual Operating Amplifier
More results

Podobny opis - TS2581CS-RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
logo
ON Semiconductor
FAN6605 ONSEMI-FAN6605 Datasheet
1Mb / 18P
   PWM Controller
January 2015 Rev. 1.0
logo
Samsung semiconductor
KA7552 SAMSUNG-KA7552 Datasheet
90Kb / 5P
   PWM CONTROLLER
logo
Princeton Technology Co...
AS2916 PTC-AS2916 Datasheet
63Kb / 8P
   PWM Controller
logo
ON Semiconductor
FAN6757 ONSEMI-FAN6757 Datasheet
1Mb / 19P
   PWM Controller
Rev. 1.0.1
logo
List of Unclassifed Man...
PT-301E ETC1-PT-301E Datasheet
117Kb / 1P
   PWM Speed Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com