Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2222AT1 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części PZT2222AT1
Szczegółowy opis  SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2222AT1 Arkusz danych(HTML) 3 Page - Motorola, Inc

  PZT2222AT1 Datasheet HTML 1Page - Motorola, Inc PZT2222AT1 Datasheet HTML 2Page - Motorola, Inc PZT2222AT1 Datasheet HTML 3Page - Motorola, Inc PZT2222AT1 Datasheet HTML 4Page - Motorola, Inc PZT2222AT1 Datasheet HTML 5Page - Motorola, Inc PZT2222AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PZT2222AT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Vi
90%
10%
tp
tr
0
VCC
R2
R1
Vi
D.U.T.
Vo
Figure 1. Input Waveform and Test Circuit for Determining Delay Time and Rise Time
Figure 2. Input Waveform and Test Circuit for Determining Storage Time and Fall Time
Vi = – 0.5 V to +9.9 V, VCC = +30 V, R1 = 619 Ω, R2 = 200 Ω.
PULSE GENERATOR:
OSCILLOSCOPE:
PULSE DURATION
tp ≤
200 ns
INPUT IMPEDANCE
Zi > 100 kΩ
RISE TIME
tr ≤
2 ns
INPUT CAPACITANCE
Ci <
12 pF
DUTY FACTOR
δ =
0.02
RISE TIME
tr
<
5 ns
tf
100
µs
– 13.8 V
0
+16.2 V
Vi
TIME
VCC
Vo
OSCILLOSCOPE
D.U.T.
Vi
R2
R3
R4
D1
R1
VBB


Podobny numer części - PZT2222AT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZT2222AT1 ONSEMI-PZT2222AT1 Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1/D ONSEMI-PZT2222AT1/D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1D ONSEMI-PZT2222AT1D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Podobny opis - PZT2222AT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Shenzhen Luguang Electr...
MMBT3904N3 LUGUANG-MMBT3904N3 Datasheet
1Mb / 3P
   SOT-883 General Purpose Transistor NPN Silicon Surface Mount Plastic Package
Revision:20220701-P1
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
   75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com