Zakładka z wyszukiwarką danych komponentów |
|
FW10A5R10JA Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions |
|
FW10A5R10JA Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions |
1 / 4 page Features ■ Fuses at 120 V or 240 V ■ E24 resistance values ■ RoHS compliant* ■ UL Listed Applications ■ White goods ■ Inverters ■ Lighting ■ Metering FWxxA Series Fusible Power Resistors *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. DIMENSIONS: MM (INCHES) Electrical Characteristics Characteristic FW Series Power 1, 2, 3, 5, 7** W Resistance Range 4.7 ohms to 100 ohms (E24 values) UL Listed Resistance Range 4.7 ohms to 47 ohms Tolerance 5 % Temperature Coefficient ±200 PPM/°C Operating Temperature Range -55 °C to +155 °C Maximum Voltage √P*R Fusing Point See Fusing Performance Chart Fusing Time See Fusing Performance Chart Product Dimensions General Introduction The FWxxA Series of axial leaded wirewound resistors is designed to fuse under abnormal conditions such as sudden surges in voltage or circuit malfunctions. The resistor will fuse upon application of 120 or 240 voltages. The resistor will fuse safely if 120 or 240 V is applied. The time to fuse depends on the resistance value. ** 7 W = 240 Vac only. Materials Resistor ............... Wire wound around a ceramic core Lead Wire ........................Tinned copper Housing .......................... Insulated resin Agency Listing Description UL File Number: E349323 HL D d (DIA.) H Model Dimensions D (Max.) L (Max.) Hd FW10A (1 W) 5.5 (.217) 12 (.472) 28 ± 3.0 (1.102 ± .118) 0.55 ± 0.05 (.022 ± .002) FW20A (2 W) 6.0 (.236) 12 (.472) 28 ± 3.0 (1.102 ± .118) 0.65 ± 0.05 (.026 ± .002) FW30A (3 W) 6.5 (.256) 16 (.630) 28 ± 3.0 (1.102 ± .118) 0.75 ± 0.05 (.030 ± .002) FW50A (5 W) 7.5 (.295) 18 (.709) 28 ± 3.0 (1.102 ± .118) 0.75 ± 0.05 (.030 ± .002) FW70A (7 W) 9.5 (.374) 26 (1.024) 38 ± 3.0 (1.496 ± .118) 0.75 ± 0.05 (.030 ± .002) How to Order FW 10 A 7R50 J A Model FW = Fusible Wirewound Rated Power 10 = 1.0 Watts 20 = 2.0 Watts 30 = 3.0 Watts 50 = 5.0 Watts 70 = 7.0 Watts Pin Style A = Axial Resistance Code • R<100 ohms: “R” represents decimal point (examples: 7R50 = 7.5 ohms) • R ≥100 ohms: First three digits are significant, fourth digit represents number of zeros to follow (example: 1000 = 100 ohms) Resistance Tolerance J = ±5 % Packaging A = Ammo Pack • 1,000 pcs./box: FW10, FW20, FW30 • 500 pcs./box: FW50, FW70 Resistance Value (Ohms) Resistance Code 4.7 4R70 5.1 5R10 5.6 5R60 6.2 6R20 6.8 6R80 7.5 7R50 8.2 8R20 9.1 9R10 10 10R0 Popular Values |
Podobny numer części - FW10A5R10JA |
|
Podobny opis - FW10A5R10JA |