Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19378CS-RLG Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19378CS-RLG
Szczegółowy opis  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378CS-RLG Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19378CS-RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19378
2A Buck (Step-down) WLED Driver
1/7
Version: A13
SOP-8EP
General Description
The TS19378 is a high voltage step-down converter designed for driving up to 10 series white LEDs from a 40V
system input. The total LED driving current up to 2A, which is measured through an external current sense
resistor. Its low 200mV feedback voltage reduces power loss and improves efficiency. The OVP pin monitors the
output voltage and turns off the converter if an over-voltage condition is present due to an open circuit condition.
The TS19378 includes current limit, short circuit protection and thermal shutdown protection preventing damage.
TS19378 provides high power, high efficiency, and excellent transient characteristics. The PWM control circuit is
able to the duty ratio linearly from 0 up to 100%. Since this converter can accommodate an input voltage up to
40V, it is also suitable for the operation via an AC adapter
.
Features
Input Voltage Range 8V~40V
Output voltage up to 38V
2A Switch Output Current
Duty ratio: 0%~100% PWM control
300kHz Switching Frequency
Enable/Disable Functions
Soft Start Time Control
Current limit and Thermal Shutdown
Short Circuit Protections
Built-in Internal SW P-CH MOS
Application
White LED Backlighting
High Power LED Application
Multiple LED Driving
LED Lighting Equipment
Ordering Information
Part No.
Package
Packing
TS19378CS RLG
SOP-8EP
2.5Kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Block Diagram
Pin Definition:
1. EN/SS
8. COMP
2. GND
7. FB
3. VGATE
6. OVP
4. Vcc
5. SW


Podobny numer części - TS19378CS-RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19378CSRLG TSC-TS19378CSRLG Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
More results

Podobny opis - TS19378CS-RLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com