Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF20UP30DNTU Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FFPF20UP30DNTU
Szczegółowy opis  20 A, 300 V, Ultrafast Dual Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP30DNTU Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FFPF20UP30DNTU Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Typical Performance Characteristics
Figure
3. Typical Forward Voltage Drop
Figure
4. Typical Reverse Current
Figure
5. Typical Junction Capacitance
Figure
6. Typical Reverse Recovery Time
Figure
7. Typical Reverse Recovery Current
Figure
8. Forward Current Deration Curve
©2005 Fairchild Semiconductor Corporation
FFPF20UP
30DN Rev. C1
0.1
1
10
20
0.0
0.5
1.0
1.5
2.0
T
C = 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0
50
100
150
200
250
300
0.001
0.01
0.1
1
10
T
C = 25
oC
T
C = 100
oC
Reverse Voltage , V
R [V]
0.1
1
10
100
10
100
400
Typical Capacitance
at 0V = 197. 2 pF
Reverse Voltage , V
R [V]
100
200
300
400
500
24
28
32
36
I
F = 10 A
Tc = 25
oC
diF/dt [A/µs]
100
200
300
400
500
0
1
2
3
4
5
I
F = 10 A
T
C = 25
oC
diF/dt [A/µs]
100
110
120
130
140
150
0
2
4
6
8
10
12
14
Case Temperature, T
C [
oC]
DC


Podobny numer części - FFPF20UP30DNTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results

Podobny opis - FFPF20UP30DNTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com