Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-12-8 Arkusz danych(PDF) 1 Page - 3M Electronics

Numer części B-12-8
Szczegółowy opis  Stack-Up Banana Plug Both Ends
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  3M [3M Electronics]
Strona internetowa  http://www.3m.com
Logo 3M - 3M Electronics

B-12-8 Arkusz danych(HTML) 1 Page - 3M Electronics

  B-12-8 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90534 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d_B_1_01.doc
Page 1 of
1
Model B
Stack-Up Banana Plug
Both Ends
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Mates to Model #1581, 2854 or standard Banana Jack.
• Cross and vertical stacking banana plug.
• Ideal for providing jumpers or chassis boxes.
MATERIALS:
Conn: Extension Stacking Banana Plug
Material: Spring, Beryllium Copper per QQ-C-533, Allow 172, Cond. HT.
Plug Body: Brass, per QQ-B-626, Alloy 360, ½ hard.
Finish: Nickel plate per QQ-N-290 class 2, 200/300 microinches.
Insulation: Polypropylene molded to plug body and wire
Color: Matches color of wire.
Marking: “MODEL B-XX”
Wire: 18 AWG, stranding 65 x 36 t.c., PVC insulated, 3.66 (.144) O.D.
Color: See Ordering Information
Marking: “POMONA B-XX-*”
RATINGS: (Entire Assembly)
Operating Temperature.: +55ºC. (+131ºF.) Max.
Operating Voltage: Hand-held Testing: 30VAC/60 VDC Max.
Hands free testing in Controlled Voltage Environment: 5000 WVDC
Current: 15 Amperes Cont.
ORDERING INFORMATION: Model B-XX-*
XX = Cable Lengths, Standard Lengths: 4” (102), 8” (203), 12” (305), 18” (457), 24” (610), 36” (914), 48” (1219),
60” (1524) & 72" ((1829). Additional lengths can be quoted upon request.
*= Color, -0 Black, -1 Brown, -2 Red, -3 Orange, -4 Yellow, -5 Green, -6 Blue, -7 Violet, -8 Gray, -9 White
Ordering Example: B-72-2
Indicates 72” in length, Color is Red.


Podobny numer części - B-12-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
B-12-8 3M-B-12-8 Datasheet
42Kb / 2P
   Stack-Up Banana Plug Both Ends
B-12-8 3M-B-12-8 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-12-8 3M-B-12-8 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-12-8 3M-B-12-8 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-12-8 3M-B-12-8 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
More results

Podobny opis - B-12-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
B-60-1 3M-B-60-1 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-72-0 3M-B-72-0 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-4-4 3M-B-4-4 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-36-3 3M-B-36-3 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
logo
Pomona Electronics
B-12-2 POMONA-B-12-2 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
logo
3M Electronics
B-4-0 3M-B-4-0 Datasheet
42Kb / 2P
   Stack-Up Banana Plug Both Ends
logo
Pomona Electronics
B-36-02 POMONA-B-36-02 Datasheet
23Kb / 1P
   Model B Stack-Up Banana Plug Both Ends
B-4-1 POMONA-B-4-1 Datasheet
23Kb / 1P
   Model B Stack-Up Banana Plug Both Ends
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com