Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC6501P095VCTTR Arkusz danych(PDF) 1 Page - Microchip Technology

Numer części TC6501P095VCTTR
Szczegółowy opis  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P095VCTTR Arkusz danych(HTML) 1 Page - Microchip Technology

  TC6501P095VCTTR Datasheet HTML 1Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 2Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 3Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 4Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 5Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 6Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 7Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 8Page - Microchip Technology TC6501P095VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 1
M
TC6501/2/3/4
Features
• 5-Pin SOT-23A
• Factory-programmed Thresholds from
-45°C to +125°C in 10°C Increments
• Pin Selectable +2°C or +10°C Hysteresis
• ±0.5°C (Typ) Threshold Accuracy Over Full
Temperature Range
• No External Components Required
• 17 µA Supply Current (Typ)
Applications
• Thermal Management in PCs and Servers
• Over-temperature Fail-safe Circuits
• Simple Fan Controller
• Temperature Alarms
• Projectors/Printers
• Notebook Computers
•Network Boxes
Package Types
General Description
The TC6501/2/3/4 are SOT-23 temperature switches
that require no external components and are available
with factory-programmed temperature thresholds. A
choice of factory-trimmed temperature trip points are
also available. Pin-selectable hysteresis of +2°C or
+10°C allows flexibility to the design of the application.
These parts typically consume only 17 µA of current
and operate over the entire -55°C to +135°C
temperature range, while offering accuracies of ±0.5°C
(typ).
The TC6501 and TC6503 have an open-drain, active-
low output, which targets microcontroller reset control.
The TC6502 and TC6504 have a CMOS, active-high
output designed to drive the logic level MOSFET that
turns on a fan or heater element.
The TC6501/TC6502 are designed for hot temperature
monitoring (+35°C to +125°C). These devices assert a
logic signal when the temperature goes above the
threshold. The TC6503/TC6504 are optimized for cold
temperature monitoring (-45°C to +15°C) and assert a
logic signal when the temperature goes below the
threshold.
The TC6501/2/3/4 are offered with five standard tem-
perature thresholds. Available in 5-Pin SOT-23A pack-
ages, these parts are ideal for applications requiring
high integration, small size, low power and low installed
cost.
Functional Block Diagram
TOVER TC6502
HYST
TC6501
TC6502
1
2
3
5
VCC
GND
GND
4
Note: 5-Pin SOT-23A is equivalent to EIAJ SC-74A
TUNDER TC6503
TUNDER TC6504
HYST
TC6503
TC6504
1
2
3
5
VCC
GND
GND
4
TOVER TC6501
GND GNDHYST
+2.7V to +5.5V
VCC
INT
PICmicro®
TOVER
VCC
TC6502
GND
100 pF
Microcontroller
Ultra Small Temperature Switches
with Pin Selectable Hysteresis


Podobny numer części - TC6501P095VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC6501P095VCTTR MICROCHIP-TC6501P095VCTTR Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P095VCTTR MICROCHIP-TC6501P095VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P095VCTTR MICROCHIP-TC6501P095VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P095VCTTR MICROCHIP-TC6501P095VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Podobny opis - TC6501P095VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com