Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7664ASTZRL Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7664ASTZRL
Szczegółowy opis  16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7664ASTZRL Arkusz danych(HTML) 2 Page - Analog Devices

  AD7664ASTZRL Datasheet HTML 1Page - Analog Devices AD7664ASTZRL Datasheet HTML 2Page - Analog Devices AD7664ASTZRL Datasheet HTML 3Page - Analog Devices AD7664ASTZRL Datasheet HTML 4Page - Analog Devices AD7664ASTZRL Datasheet HTML 5Page - Analog Devices AD7664ASTZRL Datasheet HTML 6Page - Analog Devices AD7664ASTZRL Datasheet HTML 7Page - Analog Devices AD7664ASTZRL Datasheet HTML 8Page - Analog Devices AD7664ASTZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. E
–2–
AD7664
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN – VINGND
0VREF
V
Operating Input Voltage
VIN
–0.1
+3
V
VINGND
–0.1
+0.5
V
Analog Input CMRR
fIN = 10 kHz
62
dB
Input Current
570 kSPS Throughput
7
µA
Input Impedance
See Analog Input Section
THROUGHPUT SPEED
Complete Cycle
In Warp Mode
1.75
µs
Throughput Rate
In Warp Mode
1
570
kSPS
Time between Conversions
In Warp Mode
1
ms
Complete Cycle
In Normal Mode
2
µs
Throughput Rate
In Normal Mode
0
500
kSPS
Complete Cycle
In Impulse Mode
2.25
µs
Throughput Rate
In Impulse Mode
0
444
kSPS
DC ACCURACY
Integral Linearity Error
–2.5
+2.5
LSB
1
Differential Linearity Error
–1
+1.5
LSB
No Missing Codes
16
Bits
Transition Noise
0.7
LSB
Full-Scale Error
2
REF = 2.5 V
±0.08
% of FSR
Unipolar Zero Error
2
±5
±15
LSB
Power Supply Sensitivity
AVDD = 5 V
±5%
±3
LSB
AC ACCURACY
Signal-to-Noise
fIN = 100 kHz
90
dB
3
Spurious-Free Dynamic Range
fIN = 45 kHz
100
dB
fIN = 100 kHz
100
dB
Total Harmonic Distortion
fIN = 45 kHz
–100
dB
fIN = 100 kHz
–100
dB
Signal-to-(Noise+Distortion)
fIN = 45 kHz
90
dB
fIN = 100 kHz
89
dB
–60 dB Input, fIN = 100 kHz
30
dB
–3 dB Input Bandwidth
18
MHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
250
ns
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
570 kSPS Throughput
115
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
OVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bits
Pipeline Delay
Conversion Results Available
Immediately after
Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500
µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
V
Operating Current
4
500 kSPS Throughput
AVDD
15.5
mA
DVDD
5
3.8
mA
OVDD
5
100
µA
Power Dissipation
5
500 kSPS Throughput
4
115
mW
100 SPS Throughput
6
21
µW
In Power-Down Mode
7
7
µW
–SPECIFICATIONS (–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)


Podobny numer części - AD7664ASTZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
More results

Podobny opis - AD7664ASTZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com