Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7741 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7741
Szczegółowy opis  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7741 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7741 Datasheet HTML 4Page - Analog Devices AD7741 Datasheet HTML 5Page - Analog Devices AD7741 Datasheet HTML 6Page - Analog Devices AD7741 Datasheet HTML 7Page - Analog Devices AD7741 Datasheet HTML 8Page - Analog Devices AD7741 Datasheet HTML 9Page - Analog Devices AD7741 Datasheet HTML 10Page - Analog Devices AD7741 Datasheet HTML 11Page - Analog Devices AD7741 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
AD7741/AD7742
–8–
As can be seen from Table II, the AD7741 has one input range
configuration whereas the AD7742 has unipolar/bipolar as
well as gain options depending on the status of the GAIN
and UNI/
BIP pins.
The transfer function for the AD7741 is shown in Figure 3.
Figure 4 shows the AD7742 transfer function for unipolar input
range configuration while the AD7742 transfer function for
bipolar input range configuration is shown in Figure 5.
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
0
INPUT
VOLTAGE VIN
REFIN
Figure 3. AD7741 Transfer Characteristic for Input Range
from 0 to VREF
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
0
VREF
GAIN
+
DIFFERENTIAL
INPUT VOLTAGE
Figure 4. AD7742 Transfer Characteristic for Unipolar
Differential Input Range: 0 V to VREF/Gain; the input
common-mode range must be between +0.5 V and
VDD – 1.75 V. UNI/BIP pin tied to VDD.
Table II. AD7741/AD7742 Input Range Selection
VIN(Min)
VIN(Max)
UNI/
BIP
GAIN
Gain, G
fOUT = 0.05 fCLKIN
fOUT = 0.45 fCLKIN
Part
N/A
N/A
X1
0
+VREF
AD7741
00X1
–VREF
+VREF
AD7742
01X2
–VREF/2
+VREF/2
AD7742
10X1
0
+VREF
AD7742
11X2
0
+VREF/2
AD7742
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
DIFFERENTIAL
INPUT VOLTAGE
VREF
GAIN
+
VREF
GAIN
Figure 5. AD7742 Transfer Characteristic for Bipolar
Differential Input Range: –VREF/Gain to +VREF/Gain; the
common-mode range must be between +0.5 V and
VDD – 1.75 V. UNI/BIP pin tied to GND.
VFC Modulator
The analog input signal to the AD7741/AD7742 is continu-
ously sampled by a switched capacitor modulator whose sam-
pling rate is set by a master clock input that may be supplied
externally or by a crystal-controlled on-chip clock oscillator.
However, the input signal is buffered on-chip before being ap-
plied to the sampling capacitor of the modulator. This isolates
the sampling capacitor charging currents from the analog input
pins.
This system is a negative feedback loop that tries to keep the net
charge on the integrator capacitor at zero, by balancing charge
injected by the input voltage with charge injected by the VREF.
The output of the comparator provides the digital input for the
1-bit DAC, so that the system functions as a negative feedback
loop that tries to minimize the difference signal (see Figure 6).
INTEGRATOR
COMPARATOR
+
CLK
1-BIT
STREAM
+
INPUT
+VREF
–VREF
Figure 6. AD7741/AD7742 Modulator Loop


Podobny numer części - AD7741

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BR AD-AD7741BR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

Podobny opis - AD7741

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com