Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7891AS-1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7891AS-1
Szczegółowy opis  LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7891AS-1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7891AS-1 Datasheet HTML 7Page - Analog Devices AD7891AS-1 Datasheet HTML 8Page - Analog Devices AD7891AS-1 Datasheet HTML 9Page - Analog Devices AD7891AS-1 Datasheet HTML 10Page - Analog Devices AD7891AS-1 Datasheet HTML 11Page - Analog Devices AD7891AS-1 Datasheet HTML 12Page - Analog Devices AD7891AS-1 Datasheet HTML 13Page - Analog Devices AD7891AS-1 Datasheet HTML 14Page - Analog Devices AD7891AS-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7891
–11–
REV. D
Serial Interface Mode
The serial interface mode is selected by tying the MODE input
to a logic low. In this case, five of the data/control inputs of the
parallel mode assume serial interface functions.
The serial interface on the AD7891 is a 5-wire interface with
read and write capabilities, with data being read from the output
register via the DATA OUT line and data being written to the
control register via the DATA IN line. The part operates in a
slave or external clocking mode and requires an externally applied
serial clock to the SCLK input to access data from the data
register or write data to the control register. There are separate
framing signals for the read (
RFS) and write (TFS) operations.
The serial interface on the AD7891 is designed to allow the part
to be interfaced to systems that provide a serial clock that is
synchronized to the serial data, such as the 80C51, 87C51,
68HC11, and 68HC05, and most digital signal processors.
When using the AD7891 in serial mode, the data lines DB11 to
DB10 should be tied to logic low, and the
CS, WR, and RD
inputs should be tied to logic high. Pins DB4 to DB0 can be
tied to either logic high or logic low but must not be left floating
because this condition could cause the AD7891 to draw
large amounts of current.
Read Operation
Figure 3 shows the timing diagram for reading from the AD7891
in serial mode.
RFS goes low to access data from the AD7891.
The serial clock input does not have to be continuous. The serial
data can be accessed in a number of bytes. However,
RFS must
remain low for the duration of the data transfer operation. Six-
teen bits of data are transmitted in serial mode with the data
FORMAT bit first, followed by the three address bits in the
control register, followed by the 12-bit conversion result starting
with the MSB. Serial data is clocked out of the device on the
rising edge of SCLK and is valid on the falling edge of SCLK.
At the end of the read operation, the DATA OUT line is three-
stated by a rising edge on either the SCLK or
RFS inputs, which-
ever occurs first.
Write Operation
Figure 4 shows a write operation to the control register of the
AD7891. The
TFS input goes low to indicate to the part that a
serial write is about to occur. The AD7891 control register
requires only six bits of data. These are loaded on the first six
clock cycles of the serial clock with data on all subsequent clock
cycles being ignored. Serial data to be written to the AD7891
must be valid on the falling edge of SCLK.
Simplifying the Serial Interface
To minimize the number of interconnect lines to the AD7891
in serial mode, the user can connect the
RFS and TFS lines
of the AD7891 together and read and write from the part simul-
taneously. In this case, a new control register data line selecting
the input channel and providing a conversion start command
should be provided on the DATA IN line, while the part pro-
vides the result from the conversion just completed on the
DATA OUT line.
DATA OUT (O)
SCLK (I)
RFS (I)
t18A
NOTE
I = INPUT
O = OUTPUT
FORMAT
A2
A1
A0
DB11
DB10
DB0
THREE-STATE
t18
t16
t15
t14
t12
t11
t13
t17
Figure 3. Serial Mode Read Operation
DATA IN (I)
SCLK (I)
TFS (I)
NOTE
I = INPUT
FORMAT
A0
A1
A0
t19
t22
t21
t20
CONV
STBY
DON'T
CARE
DON'T
CARE
Figure 4. Serial Mode Write Operation


Podobny numer części - AD7891AS-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7891AS-1 AD-AD7891AS-1 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891AS-1 AD-AD7891AS-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AS-1 AD-AD7891AS-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AS-1 AD-AD7891AS-1 Datasheet
1Mb / 20P
   LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AS-1 AD-AD7891AS-1 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Podobny opis - AD7891AS-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7891 AD-AD7891_15 Datasheet
1Mb / 20P
   LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com