Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8013AN Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8013AN
Szczegółowy opis  Single Supply, Low Power, aTriple Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8013AN Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8013AN Datasheet HTML 4Page - Analog Devices AD8013AN Datasheet HTML 5Page - Analog Devices AD8013AN Datasheet HTML 6Page - Analog Devices AD8013AN Datasheet HTML 7Page - Analog Devices AD8013AN Datasheet HTML 8Page - Analog Devices AD8013AN Datasheet HTML 9Page - Analog Devices AD8013AN Datasheet HTML 10Page - Analog Devices AD8013AN Datasheet HTML 11Page - Analog Devices AD8013AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8013
REV. A
–8–
10
0%
100
90
20ns
50mV
500mV
VIN
VOUT
Figure 21. Large Signal Pulse Response, Gain = +10,
RF = 301 Ω, RL = 150 Ω, VS = ±5 V)
FREQUENCY – Hz
1M
1G
10M
100M
–6
+1
0
–1
–2
–3
–4
–5
0
–90
–180
–270
G = +10
RL = 150Ω
VS = ±5V
VS = +5V
VS = +5V
VS = ±5V
GAIN
PHASE
Figure 22. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 150 Ω
10
0%
100
90
20ns
50mV
500mV
VIN
VOUT
Figure 23. Small Signal Pulse Response, Gain = +10,
(RF = 301 Ω, RL = 150 Ω, VS = ±5 V)
10
0%
100
90
20ns
2V
2V
VIN
VOUT
Figure 24. Large Signal Pulse Response, Gain = –1,
(RF = 698 Ω, RL = 150 Ω, VS = ±5 V)
FREQUENCY – Hz
1M
1G
10M
100M
–6
+1
0
–1
–2
–3
–4
–5
0
90
180
–90
G = –1
RL = 150Ω
VS = ±5V
VS = +5V
VS = +5V
VS = ±5V
GAIN
PHASE
Figure 25. Closed-Loop Gain and Phase vs. Frequency,
G = –1, RL = 150 Ω
10
0%
100
90
20ns
500mV
500mV
VIN
VOUT
Figure 26. Small Signal Pulse Response, Gain = –1,
(RF = 698 Ω, RL = 150 Ω, VS = ±5 V)


Podobny numer części - AD8013AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8013AN AD-AD8013AN Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results

Podobny opis - AD8013AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
logo
Texas Instruments
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com