Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9631AR Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9631AR
Szczegółowy opis  Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9631AR Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9631AR Datasheet HTML 2Page - Analog Devices AD9631AR Datasheet HTML 3Page - Analog Devices AD9631AR Datasheet HTML 4Page - Analog Devices AD9631AR Datasheet HTML 5Page - Analog Devices AD9631AR Datasheet HTML 6Page - Analog Devices AD9631AR Datasheet HTML 7Page - Analog Devices AD9631AR Datasheet HTML 8Page - Analog Devices AD9631AR Datasheet HTML 9Page - Analog Devices AD9631AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. C
–6–
AD9631/AD9632
FREQUENCY – Hz
1
1M
10M
100M
1G
VS = 5V
RL = 100
VO = 300mV p-p
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
RF
50
RF
200
RF
100
RF
150
TPC 13. AD9631 Small Signal Frequency
Response, G = +1
FREQUENCY – Hz
0.1
1M
10M
100M
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
500M
RF
140
RF
100
RF
150
VS = 5V
RL = 100
G = +1
VO = 300mV p-p
RF
120
TPC 14. AD9631 0.1 dB Flatness, N Package
(for R Package Add 20
W to RF)
90
80
70
60
50
40
30
20
10
0
–10
–20
FREQUENCY – Hz
10k
100k
1M
1G
10M
100M
100
20
0
–20
40
60
80
–80
–100
–60
–40
–120
PHASE
GAIN
TPC 15. AD9631 Open-Loop Gain and
Phase Margin vs. Frequency, RL = 100
W
VALUE OF FEEDBACK RESISTOR ( RF) –
20
40
60
80
450
400
350
300
250
100
120
140
160
180
200
220
240
VS = 5V
RL = 100
GAIN = +1
N PACKAGE
R PACKAGE
AD9631
RL
130
RF
TPC 16. AD9631 Small Signal –3 dB Bandwidth vs. RF
FREQUENCY – Hz
1
1M
10M
100M
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
500M
RF
250
RF = 50 TO 250
BY 50
VS = 5V
RL = 100
VO = 4V p-p
TPC 17. AD9631 Large Signal Frequency
Response, G = +1
FREQUENCY – Hz
1
1M
10M
100M
1G
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
VS = 5V
RL = 100
VO = 300mV p-p
RF
267
TPC 18. AD9631 Small Signal Frequency
Response, G = –1


Podobny numer części - AD9631AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9631AR AD-AD9631AR Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631AR AD-AD9631AR Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR AD-AD9631AR Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR-REEL AD-AD9631AR-REEL Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR-REEL AD-AD9631AR-REEL Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results

Podobny opis - AD9631AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com