Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG528FBPZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG528FBPZ
Szczegółowy opis  8-Channel Fault-Protected Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG528FBPZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG528FBPZ Datasheet HTML 5Page - Analog Devices ADG528FBPZ Datasheet HTML 6Page - Analog Devices ADG528FBPZ Datasheet HTML 7Page - Analog Devices ADG528FBPZ Datasheet HTML 8Page - Analog Devices ADG528FBPZ Datasheet HTML 9Page - Analog Devices ADG528FBPZ Datasheet HTML 10Page - Analog Devices ADG528FBPZ Datasheet HTML 11Page - Analog Devices ADG528FBPZ Datasheet HTML 12Page - Analog Devices ADG528FBPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG528F
Rev. F | Page 9 of 16
100
10
0.01
45
55
25
65
75
85
95
105
35
1
115
125
0.1
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VD = +10V
VS = –10V
IS (OFF)
ID (ON)
ID (OFF)
Figure 11. Leakage Currents as a Function of Temperature
260
240
100
10
11
12
13
14
15
120
tON (EN)
220
200
180
160
140
POWER SUPPLY (V)
VIN = 2V
tTRANSITION
tOFF (EN)
Figure 12. Switching Time vs. Power Supply
280
240
100
25
45
65
85
105
125
120
220
200
180
160
140
TEMPERATURE (°C)
260
VDD = +15V
VSS = –15V
VIN = +5V
tON (EN)
tTRANSITION
tOFF (EN)
Figure 13. Switching Time vs. Temperature


Podobny numer części - ADG528FBPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG528FBP AD-ADG528FBP Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
More results

Podobny opis - ADG528FBPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
logo
Maxim Integrated Produc...
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX368 MAXIM-MAX368 Datasheet
406Kb / 11P
   Fault-Protected Analog Multiplexer with Latch
19-0982; Rev 1; 7/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com