Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADW54008-0REEL7 Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADW54008-0REEL7
Szczegółowy opis  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 10 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 10 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0
EN
S2
S3
S4
VSS
S1
D
A1
A2
S5
S6
S7
GND
VDD
S8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG708
TOP VIEW
(Not to Scale)
Figure 3. ADG708 Pin Configuration
A0
EN
S2A
S3A
S4A
VSS
S1A
DA
A1
GND
S2B
S3B
S4B
VDD
S1B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG709
TOP VIEW
(Not to Scale)
Figure 4. ADG709 Pin Configuration
Table 5. ADG708 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1
Source Terminal. Can be an input or output.
5
S2
Source Terminal. Can be an input or output.
6
S3
Source Terminal. Can be an input or output.
7
S4
Source Terminal. Can be an input or output.
8
D
DrainTerminal. Can be an input or output.
9
S8
Source Terminal. Can be an input or output.
10
S7
Source Terminal. Can be an input or output.
11
S6
Source Terminal. Can be an input or output.
12
S5
Source Terminal. Can be an input or output.
13
VDD
Most Positive Power Supply Pin.
14
GND
Ground (0 V) Reference.
15
A2
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
Table 6. ADG709 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1A
Source Terminal. Can be an input or output.
5
S2A
Source Terminal. Can be an input or output.
6
S3A
Source Terminal. Can be an input or output.
7
S4A
Source Terminal. Can be an input or output.
8
DA
DrainTerminal. Can be an input or output.
9
DB
DrainTerminal. Can be an input or output.
10
S4B
Source Terminal. Can be an input or output.
11
S3B
Source Terminal. Can be an input or output.
12
S2B
Source Terminal. Can be an input or output.
13
S1B
Source Terminal. Can be an input or output.
14
VDD
Most Positive Power Supply Pin.
15
GND
Ground (0 V) Reference.
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl