Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMEGA128-8AI Arkusz danych(PDF) 7 Page - ATMEL Corporation

Numer części ATMEGA128-8AI
Szczegółowy opis  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-8AI Arkusz danych(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA128-8AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
2467XS–AVR–06/11
ATmega128
In ATmega103 compatibility mode, these pins only serves as strobes signals to the external
memory as well as input to the 32kHz Oscillator, and the pins are initialized to PG0 = 1, PG1 = 1,
and PG2 = 0 asynchronously when a reset condition becomes active, even if the clock is not
running. PG3 and PG4 are oscillator pins.
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in Table 19 on page
50. Shorter pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting Oscillator amplifier.
AVCC
AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally con-
nected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter.
AREF
AREF is the analog reference pin for the A/D Converter.
PEN
PEN is a programming enable pin for the SPI Serial Programming mode, and is internally pulled
high . By holding this pin low during a Power-on Reset, the device will enter the SPI Serial Pro-
gramming mode. PEN has no function during normal operation.


Podobny numer części - ATMEGA128-8AI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA128-16AI ATMEL-ATMEGA128-16AI Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128-16AI ATMEL-ATMEGA128-16AI Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
More results

Podobny opis - ATMEGA128-8AI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103 ATMEL-ATMEGA103_07 Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com