Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7818EB250 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS7818EB250
Szczegółowy opis  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7818EB250 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS7818EB250 Datasheet HTML 3Page - Texas Instruments ADS7818EB250 Datasheet HTML 4Page - Texas Instruments ADS7818EB250 Datasheet HTML 5Page - Texas Instruments ADS7818EB250 Datasheet HTML 6Page - Texas Instruments ADS7818EB250 Datasheet HTML 7Page - Texas Instruments ADS7818EB250 Datasheet HTML 8Page - Texas Instruments ADS7818EB250 Datasheet HTML 9Page - Texas Instruments ADS7818EB250 Datasheet HTML 10Page - Texas Instruments ADS7818EB250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
®
ADS7818
FIGURE 1. Basic Operation of the ADS7818.
THEORY OF OPERATION
The ADS7818 is a high speed successive approximation
register (SAR) analog-to-digital converter (A/D) with an
internal 2.5V bandgap reference. The architecture is based
on capacitive redistribution which inherently includes a
sample/hold function. The converter is fabricated on a 0.6
µ
CMOS process. See Figure 1 for the basic operating circuit
for the ADS7818.
The ADS7818 requires an external clock to run the conver-
sion process. This clock can vary between 200kHz (12.5Hz
throughput) and 8MHz (500kHz throughput). The duty cycle
of the clock is unimportant as long as the minimum HIGH
and LOW times are at least 50ns and the clock period is at
least 125ns. The minimum clock frequency is set by the
leakage on the capacitors internal to the ADS7818.
The analog input is provided to two input pins: +IN and –IN.
When a conversion is initiated, the differential input on these
pins is sampled on the internal capacitor array. While a
conversion is in progress, both inputs are disconnected from
any internal function.
The range of the analog input is set by the voltage on the
VREF pin. With the internal 2.5V reference, the input range
is 0 to 5V. An external reference voltage can be placed on
VREF, overdriving the internal voltage. The range for the
external voltage is 2.0V to 2.55V, giving an input voltage
range of 4.0V to 5.1V.
The digital result of the conversion is provided in a serial
manner, synchronous to the CLK input. The result is pro-
vided most significant bit first and represents the result of
the conversion currently in progress—there is no pipeline
delay. By properly controlling the CONV and CLK inputs,
it is possible to obtain the digital result least significant bit
first.
ANALOG INPUT
The +IN and –IN input pins allow for a differential input
signal to be captured on the internal hold capacitor when the
converter enters the hold mode. The voltage range on the
–IN input is limited to –0.2V to 0.2V. Because of this, the
differential input can be used to reject only small signals that
are common to both inputs. Thus, the –IN input is best used
to sense a remote ground point near the source of the +IN
signal. If the source driving the +IN signal is nearby, the
–IN should be connected directly to ground.
The input current into the analog input depends on input
voltage and sample rate. Essentially, the current into the
device must charge the internal hold capacitor during the
sample period. After this capacitance has been fully charged,
there is no further input current. The source of the analog
input voltage must be able to charge the input capacitance to
a 12-bit settling level within the sample period—which can
be as little as 350ns in some operating modes. While the
converter is in the hold mode or after the sampling capacitor
has been fully charged, the input impedance of the analog
input is greater than 1G
Ω.
Care must be taken regarding the input voltage on the +In
and –IN pins. To maintain the linearity of the converter, the
+In input should remain within the range of GND – 200mV
to +VCC + 200mV. The –IN input should not drop below
GND – 200mV or exceed GND + 200mV. Outside of these
ranges, the converter’s linearity may not meet specifications.
REFERENCE
The reference voltage on the VREF pin directly sets the full-
scale range of the analog input. The ADS7818 can operate
with a reference in the range of 2.0V to 2.55V, for a full-
scale range of 4.0V to 5.1V.
The voltage at the VREF pin is internally buffered and this
buffer drives the capacitor DAC portion of the converter.
This is important because the buffer greatly reduces the
dynamic load placed on the reference source. However, the
voltage at VREF will still contain some noise and glitches
from the SAR conversion process. These can be reduced by
carefully bypassing the VREF pin to ground as outlined in the
sections that follow.
INTERNAL REFERENCE
The ADS7818 contains an on-board 2.5V reference, result-
ing in a 0V to 5V input range on the analog input. The
specification table gives the various specifications for the
1
2
3
4
8
7
6
5
+V
CC
CLK
DATA
CONV
V
REF
+In
–In
GND
ADS7818
0.1µF
+5V
0.1µF
10µF
Serial Clock
from
Microcontroller
or DSP
Serial Data
Convert Start
+
2.2µF
+
0 to 5V
Analog Input


Podobny numer części - ADS7818EB250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7818EB250 TI-ADS7818EB250 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818EB250 TI-ADS7818EB250 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
ADS7818EB250G4 TI-ADS7818EB250G4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818EB250G4 TI-ADS7818EB250G4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Podobny opis - ADS7818EB250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com