Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21160NCBZ-100 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADSP-21160NCBZ-100
Szczegółowy opis  Digital Signal Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADSP-21160NCBZ-100 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADSP-21160NCBZ-100 Datasheet HTML 1Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 2Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 3Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 4Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 5Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 6Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 7Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 8Page - Texas Instruments ADSP-21160NCBZ-100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC
Digital Signal Processor
ADSP-21160M/ADSP-21160N
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SUMMARY
High performance 32-bit DSP—applications in audio, medi-
cal, military, graphics, imaging, and communication
Super Harvard architecture—4 independent buses for dual
data fetch, instruction fetch, and nonintrusive, zero-over-
head I/O
Backward compatible—assembly source level compatible
with code for ADSP-2106x DSPs
Single-instruction, multiple-data (SIMD) computational
architecture—two 32-bit IEEE floating-point computation
units, each with a multiplier, ALU, shifter, and register file
Integrated peripherals—integrated I/O processor, 4M bits
on-chip dual-ported SRAM, glueless multiprocessing fea-
tures, and ports (serial, link, external bus, and JTAG)
FEATURES
100 MHz (10 ns) core instruction rate (ADSP-21160N)
Single-cycle instruction execution, including SIMD opera-
tions in both computational units
Dual data address generators (DAGs) with modulo and bit-
reverse addressing
Zero-overhead looping and single-cycle loop setup, provid-
ing efficient program sequencing
IEEE 1149.1 JTAG standard Test Access Port and on-chip
emulation
400-ball 27 mm × 27 mm PBGA package
Available in lead-free (RoHS compliant) package
200 million fixed-point MACs sustained performance
(ADSP-21160N)
Figure 1. Functional Block Diagram
MULT
ALU
BARREL
SHIFTER
DATA
REGISTER
FILE
(PEY)
16 x 40-BIT
MULT
ALU
BARREL
SHIFTER
DATA
REGISTER
FILE
(PEX)
16x40-BIT
SERIAL PORTS
(2)
LINK PORTS
(6)
4
6
6
60
IOP
REGISTERS
(MEMORY
MAPPED)
CONTROL,
STATUS AND
DATA BUFFERS
I/O PROCESSOR
DMA
CONTROLLER
TIMER
INSTRUCTION
CACHE
32x48-BIT
ADDR
DATA
DATA
DATA
ADDR
ADDR
DATA
ADDR
TWO INDEPENDENT
DUAL-PORTED BLOCKS
PROCESSOR PORT
I/O PORT
DUAL-PORTED SRAM
JTAG
TEST AND
EMULATION
6
HOST PORT
ADDR BUS
MUX
IOA
18
IOD
64
MULTIPROCESSOR
INTERFACE
EXTERNAL
PORT
DATA BUS
MUX
64
32
32
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
BUS
CONNECT
(PX)
DAG1
8x4 x 32
32
16/32/40/48/64
32/40/64
CORE PROCESSOR
PROGRAM
SEQUENCER
DAG2
8x 4x 32


Podobny numer części - ADSP-21160NCBZ-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21160NCBZ-100 AD-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCBZ-100 AD-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
More results

Podobny opis - ADSP-21160NCBZ-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com