Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B Arkusz danych(PDF) 2 Page - MMD Components

Numer części B
Szczegółowy opis  B & E Series Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MMD [MMD Components]
Strona internetowa  http://www.mmdcomp.com
Logo MMD - MMD Components

B Arkusz danych(HTML) 2 Page - MMD Components

  B_12 Datasheet HTML 1Page - MMD Components B_12 Datasheet HTML 2Page - MMD Components B_12 Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAH
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
01/17/11 J
Specifications subject to change without notification.
Pg 2 of 3
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
Frequency
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
Value Added Options
Blank = No Added Options
I = Insulator Tab
L = 3rd Lead (Top of Can)
3 = 3 Lead Base
CLXXX = Cut Leads
XXX = Lead Length Code
B = HC-49/US (3.5mm*)
E = HC-49/US (2.5mm*)
*Max Height
Part Number Guide
Mechanical Details
ESR Chart
Frequency Range
ESR (Ohms)
Mode / Cut
3.200MHz to 4.999MHz
200 Max
Fund / AT
5.000MHz to 5.999MHz
150 Max
Fund / AT
6.000MHz to 7.999MHz
120 Max
Fund / AT
8.000MHz to 8.999MHz
90 Max
Fund / AT
9.000MHz to 9.999MHz
80 Max
Fund / AT
10.000MHz to 16.999MHz
50 Max
Fund / AT
17.000MHz to 24.999MHz
40 Max
Fund / AT
25.000MHz to 36.000MHz
25 Max
Fund / AT
24.000MHz to 34.999MHz
100 Max
3rd OT / AT
35.000MHz to 59.999MHz
80 Max
3rd OT / AT
60.000MHz to 91.730MHz
60 Max
3rd OT / AT
11.20 [.441]
MAX
12.00 [.472]
MIN
4.70 [.185]
MAX
4.88 [.192]
0.43 [.017]
B = 3.50 [.138] MAX
E = 2.50 [.098] MAX
DIMENSIONS IN BRACKETS ARE INCHES
MARKING
TOP SURFACE


Podobny numer części - B_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
B-12 IRCTT-B-12 Datasheet
158Kb / 3P
   Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
logo
3M Electronics
B-12-0 3M-B-12-0 Datasheet
42Kb / 2P
   Stack-Up Banana Plug Both Ends
B-12-0 3M-B-12-0 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-12-0 3M-B-12-0 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-12-0 3M-B-12-0 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
More results

Podobny opis - B_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
D3A5795-17305EFB-G DBLECTRO-D3A5795-17305EFB-G Datasheet
386Kb / 3P
   QUARTZ CRYSTAL UNIT Holder code D & E, TUNING FORK WATCH CRYSTAL
logo
Powerbox
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
logo
STMicroelectronics
STTB3006P STMICROELECTRONICS-STTB3006P Datasheet
56Kb / 6P
   TURBOSWITCH E B. ULTRA-FAST HIGH VOLTAGE DIODE
logo
Powerbox
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
   B AT T E R Y C H A R G E R
logo
Fairchild Semiconductor
KSD5018 FAIRCHILD-KSD5018 Datasheet
38Kb / 4P
   Built-in Resistor at B-E for Motor Drive
logo
PHOENIX CONTACT
2702227 PHOENIX-2702227 Datasheet
122Kb / 6P
   LED enclosure light - PLD E 608 W 315/B
logo
Powerbox
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com