Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3332S Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części 2SC3332S
Szczegółowy opis  Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3332S Arkusz danych(HTML) 2 Page - ON Semiconductor

  2SC3332S Datasheet HTML 1Page - ON Semiconductor 2SC3332S Datasheet HTML 2Page - ON Semiconductor 2SC3332S Datasheet HTML 3Page - ON Semiconductor 2SC3332S Datasheet HTML 4Page - ON Semiconductor 2SC3332S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3332
No.1334-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=120V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE1VCE=5V, IC=100mA
140*
400*
hFE2VCE=5V, IC=10mA
80
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
8
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=250mA, IB=25mA
0.12
0.4
V
Base to Emitter Saturation Voltage
VBE(sat)
IC=250mA, IB=25mA
0.85
1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
180
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
160
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
1000
ns
Fall Time
tf
60
ns
* : The 2SC3332 is classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SC3332S
NP
500pcs./bag
Pb Free
2SC3332T
NP
500pcs./bag
2SC3332S-AA
NP
1,500pcs./box
2SC3332T-AA
NP
1,500pcs./box
PW=20
μs
D.C.
≤1%
INPUT
100V
50
Ω
RB
333
Ω
IB1
IB2
100
μF
470
μF
--5V
IC=20IB1=--20IB2=300mA
VR
+
+
RL
OUTPUT
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
ITR03219
1.0
0.6
0.8
0.2
0.4
0
0
100
200
300
400
500
600
700
800
ITR03221
From top
100mA
90mA
80mA
70mA
60mA
IB=0mA
50mA
40mA
30mA
20mA
10mA
80
40
50
60
70
10
20
30
0
0
200
400
600
800
1000
IB=0mA
2.5mA
3.0mA
3.5mA
4.0mA
2.0mA
1.5mA
1.0mA
0.5mA
Pulse
Pulse


Podobny numer części - 2SC3332S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S-AA ONSEMI-2SC3332S-AA Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S-AA ONSEMI-2SC3332S-AA Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
More results

Podobny opis - 2SC3332S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com