Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68882MR33 Arkusz danych(PDF) 8 Page - ATMEL Corporation

Numer części TS68882MR33
Szczegółowy opis  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882MR33 Arkusz danych(HTML) 8 Page - ATMEL Corporation

Back Button TS68882MR33 Datasheet HTML 4Page - ATMEL Corporation TS68882MR33 Datasheet HTML 5Page - ATMEL Corporation TS68882MR33 Datasheet HTML 6Page - ATMEL Corporation TS68882MR33 Datasheet HTML 7Page - ATMEL Corporation TS68882MR33 Datasheet HTML 8Page - ATMEL Corporation TS68882MR33 Datasheet HTML 9Page - ATMEL Corporation TS68882MR33 Datasheet HTML 10Page - ATMEL Corporation TS68882MR33 Datasheet HTML 11Page - ATMEL Corporation TS68882MR33 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
TS68882
2119A–HIREL–04/02
Thermal
Characteristics
Power
Considerations
The average chip-junction temperature, TJ, in °C can be obtained from:
TJ =TA +(PD + θJA)(1)
TA = Ambient Temperature, °C
θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
PD =PINT +PI/O
PINT =ICC xVCC, Watts - Chip Internal Power
PI/O = Power Dissipation on Input and Output Pins - User Determined
For most applications PI/O <PINT and can be neglected.
An Approximate relationship between PD and TJ (if PI/O is neglected) is:
PD =K: (TJ + 273)
(2)
Solving equations (1) and (2) for K gives
K= PD.(TA +273) + θJA · PD
2
(3)
where K is constant pertaining to the particular part K can be determined from the equa-
tion (3) by measuring PD (at equilibrium) for a known TA.Using this value ofK,the
values of PD and TJ can be obtained by solving equations (1) and (2) iteratively for any
value of TA.
The total thermal resistance of a package (
θ
JA) can be separated into two components,
θ
JC and θCA, representing the barrier to heat flow from the semiconductor junction to the
package (case), surface (
θ
JC) and from the case to the outside ambient (θCA). These
terms are related by the equation:
θ
JA = θJC + θCA
(4)
θ
JA is device related and cannot be influenced by the user. However, θCA is user depen-
dent and can be minimized by such thermal management techniques as heat sinks,
ambient air cooling and thermal convection. Thus, good thermal management on the
part of the user can significantly reduce
θ
CA so that θJA approximately equals θJC. Substi-
tution of
θ
JC for θJA in equa tio n (1 ) wil l result i n a l ower semi co nductor j uncti on
temperature.
Table 4.
Package
Symbol
Parameter
Value
Rating
PGA 68
θ
JA
Thermal Resistance - Ceramic Junction To Ambient
33
°C/W
θ
JC
Thermal Resistance - Ceramic Junction To Case
4
°C/W
CQFP
θ
JA
Thermal Resistance - Ceramic Junction To Ambient
33
°C/W
θ
JC
Thermal Resistance - Ceramic Junction To Case
3
°C/W


Podobny numer części - TS68882MR33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Podobny opis - TS68882MR33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com