Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M0100-103-3-000 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części M0100-103-3-000
Szczegółowy opis  400W AC Powered Servo Drive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

M0100-103-3-000 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M0100-103-3-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
11
Si ProgrammerTM point-and-click indexer
software with built-in Quick TunerTM
User-friendly GUI
I/O and motion programming
Operator interface available (MMI-01 or
MMI-02)
Pulse & direction
CW/CCW pulse
A/B quadrature
Velocity (oscillator) mode
Analog +/-10V torque, velocity, position
Host commands (SCL)
SiNet hub compatible
Quick TunerTM software for setup
Stand-alone operation
Q ProgrammerTM for complex motion
Quick TunerTM software for setup
Conditional processing
Math functions
Multi-tasking
Register manipulation
Encoder following
Third-party HMI compatibility
QE adds additional I/O
Control Options*
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
1000W AC Powered Servo Drive
• Operates from 100 to 240 VAC, 1 or 3
phase
• Digital PID servo control
• Velocity and acceleration feedforward
minimize position error throughout
every move
• Digital DQ current loop provides wide
bandwidth, precise current control
• Sine commutation for smooth, quiet
motion
• PID output filter + derivative filter
eliminate system resonances
• Built-in regeneration (power dump)
circuit
• Dynamic braking
• RS-232, RS-485
• Flexible control options
• Si and Q Programmable™ versions
For more information, visit:
www.applied-motion.com
BLuAC5
SV7 Technical Specifications
POWER AMPLIFIER: All Models
AMPLIFIER TYPE
Digital MOSFET 16 kHz PWM
CURRENT CONTROL
4 quadrant d-q method
OUTPUT CURRENT
0.5 to 7.0 A rms continuous, 0.5 to 14 A rms peak (2 seconds max, I2t limiting)
INPUT POWER
24-80 VDC (external power supply required)
PROTECTION
Over-voltage, under-voltage, over-temp, motor/wiring shorts (phase-to-phase, phase-to-ground)
REGENERATION
No internal regeneration circuit. RC-050 external regeneration clamp may be required for applications
with high load inertia and/or rapid deceleration
AMBIENT TEMPERATURE
0 to 40 ºC (32 to 104 ºF), must be mounted to suitable heatsink with adequate ventilation
HUMIDITY
90% max, non-condensing
WEIGHT
10 oz
CONTROLLER: All Models
NON-VOLATILE STORAGE
Drive configuration and Q program stored in non-volatile memory
INPUTS/OUTPUTS
X1, X2 inputs:
Optically isolated, differential, 5 VDC, minimum pulse width = 250 ns, maximum pulse
frequency = 2 MHz. Function: step & direction, CW/CCW step, A/B quadrature encoder
X3 input:
Optically isolated, sinking or sourcing, 12-24 VDC. Function: motor enable
X4 input:
Optically isolated, sinking or sourcing, 12-24 VDC. Function: alarm reset
X5, X6 inputs:
Optically isolated, sinking or sourcing, 12-24 VDC. Function: CW and CCW jog inputs
Note: inputs X3-X6 have a shared common.
X7, X8 inputs:
Optically isolated, differential, 12-24 VDC. Function: CW and CCW limits
Note: any input that is not assigned to a dedicated function can be used for a home or registration sensor
or for program branching.
Recommended Motors (220V Models)
Torque Curves for SV7 at 48 VDC
0
50
100
150
200
250
0
1000
2000
3000
4000
5000
6000
7000
8000
Speed (RPM)
V0250-214-B 60VDC Peak
V0250-214-B 60VDC Cont
V0250-214-B 48VDC Peak
V0250-214-B 48VDC Cont
V0200-214-B 48VDC Peak
V0200-214-B 48VDC Cont
V0100-214-B 48VDC Peak
V0100-214-B 48VDC Cont
V0050-214-A 48VDC Peak
V0050-214-A 48VDC Cont
*See back page for complete list of available model numbers.
Communications
RS-232
port
Standard on all drives
The RS-232 port is used for configuration, programming, and
sending SCL and Q commands to a single drive.
RS-485
port
Standard on all drives
The RS-485 port can be used to stream SCL and Q
commands to one or more drives across a serial network.
More curves available at www.applied-motion.com
Continued on page 12


Podobny numer części - M0100-103-3-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M0100-103-4-000 ETC2-M0100-103-4-000 Datasheet
153Kb / 3P
   60mm Servo Motor, 100W
More results

Podobny opis - M0100-103-3-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leadshine Technology Co...
EL6 LEADSHINE-EL6 Datasheet
438Kb / 5P
   EL6 AC Servo Drive
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
   ELP Series AC Servo Drive
logo
List of Unclassifed Man...
J0400-302-4-000 ETC2-J0400-302-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
J0400-301-4-000 ETC2-J0400-301-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
M0400-102-5-000 ETC2-M0400-102-5-000 Datasheet
149Kb / 3P
   80mm Servo Motor, 400W
J0400-305-4-000 ETC2-J0400-305-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
V0400-212-C-000 ETC2-V0400-212-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
V0400-211-C-000 ETC2-V0400-211-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
   Servo drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com