Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP11 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części OP11
Szczegółowy opis  Quad Matched 741-Type Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP11 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button OP11 Datasheet HTML 4Page - Analog Devices OP11 Datasheet HTML 5Page - Analog Devices OP11 Datasheet HTML 6Page - Analog Devices OP11 Datasheet HTML 7Page - Analog Devices OP11 Datasheet HTML 8Page - Analog Devices OP11 Datasheet HTML 9Page - Analog Devices OP11 Datasheet HTML 10Page - Analog Devices OP11 Datasheet HTML 11Page - Analog Devices OP11 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OP11
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.070 (1.78)
0.050 (1.27)
0.045 (1.14)
14
1
7
8
0.100 (2.54)
BSC
0.775 (19.69)
0.750 (19.05)
0.735 (18.67)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 21. 14-Lead Plastic Dual In-Line Package [PDIP]
(N-14)
[P Suffix]
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP11EP
0°C to 70°C
14-Lead Plastic Dual In-Line Package (PDIP)
N-14 (P-Suffix)
OP11EPZ1
0°C to 70°C
14-Lead Plastic Dual In-Line Package (PDIP)
N-14 (P-Suffix)
1 Z = RoHS Compliant Part.
For military processed devices, refer to the Standard Microcircuit Drawing (SMD) available at
http://www.dscc.dla.mil/downloads/Milspec/Smd/89801.pdf.
SMD Part Number
Analog Devices, Inc. Equivalent
5962-89801012A
OP11ARCMDA
5962-8980101CA
OP11AYMDA


Podobny numer części - OP11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP11 AD-OP11 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
137Kb / 8P
   Quad Matched 741-Type Operational Amplifiers
REV. A
OP11 AD-OP11 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP110AY AD-OP110AY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
OP110CY AD-OP110CY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
More results

Podobny opis - OP11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP11 AD-OP11_15 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
137Kb / 8P
   Quad Matched 741-Type Operational Amplifiers
REV. A
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
   QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
   QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
   MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com