Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS42LB69IRGC25 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części ADS42LB69IRGC25
Szczegółowy opis  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42LB69IRGC25 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS42LB69IRGC25 Datasheet HTML 6Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 7Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 8Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 9Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 10Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 11Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 12Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 13Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
ADS42LB49
ADS42LB69
SLAS904D – OCTOBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
TIMING REQUIREMENTS: QDR LVDS Mode
(1) (2)
Typical values are at +25°C, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, sampling frequency = 250 MSPS, sine-wave
input clock, CLOAD = 3.3 pF
(3), and R
LOAD = 100 Ω
(4), unless otherwise noted. Minimum and maximum values are across the
full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, AVDD3V = 3.3 V, and DRVDD = 1.7 V to 1.9 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSU
Data setup time(5)(6)
Data valid to DxCLKP, DxCLKM zero-crossing
0.23
0.31
ns
DxCLKP, DxCLKM zero-crossing to data becoming
tH
Data hold time(5)(6)
0.16
0.29
ns
invalid
LVDS bit clock duty cycle
Differential bit clock duty cycle (DxCLKP, DxCLKM)
50%
Input clock rising edge cross-over to output frame clock
tPDI
Clock propagation delay
7
10.1
13
ns
(DxFRAMEP-DxFRAMEM) rising edge cross-over
tRISE,
Data rise and fall time
Rise time measured from –100 mV to +100 mV
0.18
ns
tFALL
tCLKRISE,
Output clock rise and fall time
Rise time measured from –100 mV to +100 mV
0.2
ns
tCLKFALL
(1)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and load. Setup and hold time
specifications take into account the effect of jitter on the output data and clock.
(2)
Timing parameters are ensured by design and characterization and are not tested in production.
(3)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(4)
RLOAD is the differential load resistance between the LVDS output pair.
(5)
Data valid refers to a logic high of +100 mV and a logic low of –100 mV.
(6)
The setup and hold times of a channel are measured with respect to the same channel output clock.
Table 4. QDR LVDS Timings at Lower Sampling Frequencies
CLOCK PROPAGATION
SETUP TIME (ns)
HOLD TIME (ns)
DELAY (ns)
tSU
tHO
tPDI
SAMPLING
FREQUENCY (MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
1.06
1.21
0.84
1.29
6
9.3
12
120
0.63
0.77
0.66
0.88
7
9.5
13
160
0.43
0.55
0.39
0.61
7
9.7
13
200
0.31
0.42
0.28
0.47
7
9.8
13
230
0.24
0.34
0.17
0.36
7
9.9
13
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42LB49 ADS42LB69


Podobny numer części - ADS42LB69IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42LB69 TI-ADS42LB69 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB69 TI-ADS42LB69 Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB69EVM TI-ADS42LB69EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

Podobny opis - ADS42LB69IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com