Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS42LB69IRGCR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS42LB69IRGCR
Szczegółowy opis  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42LB69IRGCR Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS42LB69IRGCR Datasheet HTML 1Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 2Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 3Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 4Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 5Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 6Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 7Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 8Page - Texas Instruments ADS42LB69IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
ADS42LB49
ADS42LB69
www.ti.com
SLAS904D – OCTOBER 2012 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS: ADS42LB49 (14-Bit)
Typical values are at TA = +25°C, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS
differential analog input, and sampling rate = 250 MSPS, unless otherwise noted. Minimum and maximum values are across
the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V.
2-VPP FULL-SCALE
2.5-VPP FULL-SCALE
PARAMETER
TEST CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fIN = 10 MHz
73.3
74.9
dBFS
fIN = 70 MHz
73.1
74.7
dBFS
SNR
Signal-to-noise ratio
fIN = 170 MHz
69.5
72.7
74.1
dBFS
fIN = 230 MHz
72.3
73.5
dBFS
fIN = 10 MHz
73.1
74.1
dBFS
fIN = 70 MHz
73.1
74.4
dBFS
SINAD Signal-to-noise and distortion ratio
fIN = 170 MHz
68.5
72.6
73.6
dBFS
fIN = 230 MHz
72
72.9
dBFS
fIN = 10 MHz
87
82
dBc
Spurious-free dynamic range
fIN = 70 MHz
90
88
dBc
SFDR
(including second and third
fIN = 170 MHz
79
87
85
dBc
harmonic distortion)
fIN = 230 MHz
86
83
dBc
fIN = 10 MHz
86
81
dBc
fIN = 70 MHz
89
87
dBc
THD
Total harmonic distortion
fIN = 170 MHz
76
85
82
dBc
fIN = 230 MHz
83
81
dBc
fIN = 10 MHz
97
95
dBc
fIN = 70 MHz
90
88
dBc
HD2
2nd-order harmonic distortion
fIN = 170 MHz
79
87
85
dBc
fIN = 230 MHz
86
84
dBc
fIN = 10 MHz
87
82
dBc
fIN = 70 MHz
96
94
dBc
HD3
3rd-order harmonic distortion
fIN = 170 MHz
79
91
85
dBc
fIN = 230 MHz
87
83
dBc
fIN = 10 MHz
104
103
dBc
Worst spur
fIN = 70 MHz
101
103
dBc
(other than second and third
fIN = 170 MHz
87
100
101
dBc
harmonics)
fIN = 230 MHz
99
100
dBc
f1 = 46 MHz, f2 = 50 MHz,
99
95
dBFS
each tone at –7 dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185 MHz, f2 = 190 MHz,
93
93
dBFS
each tone at –7 dBFS
20-MHz, full-scale signal on
channel under observation;
Crosstalk
100
90
dB
170-MHz, full-scale signal on
other channel
Recovery to within 1% (of full-
Clock
Input overload recovery
scale) for 6-dB overload with sine-
1
1
cycle
wave input
For a 50-mVPP signal on AVDD
PSRR
AC power-supply rejection ratio
> 40
> 40
dB
supply, up to 10 MHz
ENOB
Effective number of bits
fIN = 170 MHz
11.76
11.93
LSBs
DNL
Differential nonlinearity
fIN = 170 MHz
±0.15
±0.15
LSBs
INL
Integrated nonlinearity
fIN = 170 MHz
±0.75
±3
±0.9
LSBs
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS42LB49 ADS42LB69


Podobny numer części - ADS42LB69IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42LB69 TI-ADS42LB69 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB69 TI-ADS42LB69 Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB69EVM TI-ADS42LB69EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

Podobny opis - ADS42LB69IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com