Zakładka z wyszukiwarką danych komponentów |
|
ADS1120IPW Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
ADS1120IPW Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 57 page ADS1120 www.ti.com SBAS535A – AUGUST 2013 – REVISED JANUARY 2014 Electrical Characteristics (continued) Minimum and maximum specifications are at TA = –40°C to +125°C. Typical specifications are at TA = +25°C. All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external VREF = 2.5 V, unless otherwise noted. (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT POWER-SUPPLY REQUIREMENTS Digital DVDD to DGND 2.3 5.5 V Analog, AVDD to AVSS, AVSS = DGND 2.3 5.5 V unipolar VDD Supply voltage AVDD to DGND 2.3 2.75 V Analog, bipolar AVSS to DGND –2.75 –2.3 V Power-down mode 0.1 3 µA Duty-cycle mode, PGA disabled 65 µA Normal mode, PGA disabled 240 µA IAVDD Normal mode, gain = 1 to 16 340 490 µA Normal mode, gain = 32 425 µA ICC Supply current(4) Normal mode, gain = 64, 128 510 µA Turbo mode, gain = 1 to 16 540 µA Power-down mode 0.3 5 µA Duty-cycle mode 55 µA IDVDD Normal mode 75 110 µA Turbo mode 95 µA Duty-cycle mode, PGA disabled 0.4 mW PD Power dissipation(4) Normal mode, gain = 1 to 16 1.4 mW Turbo mode, gain = 1 to 16 2.1 mW TEMPERATURE RANGE TSTG Storage temperature –60 +150 °C TA Specified ambient temperature –40 +125 °C (4) Internal voltage reference selected, internal oscillator enabled, both IDACs turned off. Copyright © 2013–2014, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links :ADS1120 |
Podobny numer części - ADS1120IPW |
|
Podobny opis - ADS1120IPW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |