Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ31506RUQT Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ31506RUQT
Szczegółowy opis  6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQT Arkusz danych(HTML) 5 Page - Texas Instruments

  LMZ31506RUQT Datasheet HTML 1Page - Texas Instruments LMZ31506RUQT Datasheet HTML 2Page - Texas Instruments LMZ31506RUQT Datasheet HTML 3Page - Texas Instruments LMZ31506RUQT Datasheet HTML 4Page - Texas Instruments LMZ31506RUQT Datasheet HTML 5Page - Texas Instruments LMZ31506RUQT Datasheet HTML 6Page - Texas Instruments LMZ31506RUQT Datasheet HTML 7Page - Texas Instruments LMZ31506RUQT Datasheet HTML 8Page - Texas Instruments LMZ31506RUQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PWRGD
VIN
PVIN
PGND
PH
VOUT
RT/CLK
AGND
VADJ
INH/UVLO
STSEL
SS/TR
VSENSE+
LMZ31506
PWRGD
Logic
+
+
VREF
Current
Share
Power
Stage
and
Control
Logic
Thermal Shutdown
Shutdown
Logic
OCP
VIN
UVLO
OSC
w/PLL
Comp
ISHARE
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A,
CIN1 = 2 x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ceramic
44 (5)
CIN
External input capacitance
µF
Non-ceramic
68(5)
Ceramic
47 (6)
200
1500
µF
COUT
External output capacitance
Non-ceramic
220(6)
5000
Equivalent series resistance (ESR)
35
m
(5)
A minimum of 100µF of polymer tantalum and/or ceramic external capacitance is required across the input (VIN and PVIN connected)
for proper operation. Locate the capacitor close to the device. See Table 4 for more details. When operating with split VIN and PVIN
rails, place 4.7µF of ceramic capacitance directly at the VIN pin.
(6)
The amount of required output capacitance varies depending on the output voltage (see Table 3 ). The amount of required capacitance
must include at least 1x 47µF ceramic capacitor. Locate the capacitance close to the device. Adding additional capacitance close to the
load improves the response of the regulator to load transients. See Table 3 and Table 4 more details.
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ31506


Podobny numer części - LMZ31506RUQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31506RUQT TI1-LMZ31506RUQT Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results

Podobny opis - LMZ31506RUQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com