Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD-D0O034-001 Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części KSD-D0O034-001
Szczegółowy opis  200V, 20A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSD-D0O034-001 Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  KSD-D0O034-001 Datasheet HTML 1Page - KODENSHI_AUK CORP. KSD-D0O034-001 Datasheet HTML 2Page - KODENSHI_AUK CORP. KSD-D0O034-001 Datasheet HTML 3Page - KODENSHI_AUK CORP. KSD-D0O034-001 Datasheet HTML 4Page - KODENSHI_AUK CORP. KSD-D0O034-001 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0O034-001
1
SF20A200HPI
Ultrafast Recovery Rectifier
200V, 20A ULTRAFAST DUAL RECTIFIERS
Features
Low forward voltage drop and leakage current
Ultrafast reverse recovery time (trr<30ns)
Low power loss and high efficiency
Dual common cathode rectifier construction
Full lead (Pb)-free and RoHS compliant device
Applications
Switching power supply
Power inverters
Free-wheeling diode
Power conversion system
Motor drives
Description
The SF20A200HPI is an ultrafast rectifier. It has a low forward voltage drop and reverse recovery time
(trr<30ns). The device is intended for use as a free wheeling, clamping rectifier in a variety of switching
power supplies and other power switching applications.
Ordering Information
Device
Marking Code
Package
Packaging
SF20A200HPI
SF20A200H
TO-220F-3L
Tube
Marking Information
AUK = Manufacture Logo
Δ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. DD = Daily Code
SF20A200H = Specific Device Code
1
3
2
Pin 1, 3 : Anode
Pin 2 : Cathode
TO-220F-3L
Product Characteristics
IF(AV)
2 X 10A
VRRM
200V
VFM at 125℃
0.88V
trr
30ns
1
2 3


Podobny numer części - KSD-D0O034-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results

Podobny opis - KSD-D0O034-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI KODENSHI-SF20A200HCI Datasheet
264Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HPI KODENSHI-SF20A200HPI Datasheet
295Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HPR KODENSHI-SF20A200HPR Datasheet
297Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D200D2 KODENSHI-SF20D200D2 Datasheet
284Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI-1 KODENSHI-SF20A200HCI-1 Datasheet
258Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
   20A,200V Ultrafast Dual Diode
logo
KODENSHI_AUK CORP.
SF10A200HPR KODENSHI-SF10A200HPR Datasheet
286Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A200HPI KODENSHI-SF10A200HPI Datasheet
278Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com