Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA79L05 Arkusz danych(PDF) 8 Page - Boca Semiconductor Corporation

Numer części KA79L05
Szczegółowy opis  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOCA [Boca Semiconductor Corporation]
Strona internetowa  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

KA79L05 Arkusz danych(HTML) 8 Page - Boca Semiconductor Corporation

Back Button KA79L05 Datasheet HTML 4Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 5Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 6Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 7Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 8Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 9Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 10Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 11Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 12Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KA79LXXA
8
Typical Application
Design Considerations
The KA79LXXA Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit
when subjected to an excessive power overload condition. Internal Short Circuit Protection that limits the maximum current
the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. An input bypass capacitor should be selected to provide good high frequency
characteristics to insure stable operation under all load conditions. A 0.33
µF or larger tantalum, mylar, or other capacitor hav-
ing low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest
possible leads directly across the regulator's input terminals. Normally good construction techniques should be used to mini-
mize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also recom-
mended.
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above
the output voltage even during the low point on the input ripple voltage.
* C1 is required if regulator is located an appreciable distance from power supply filter.
* CO improves stability and transient response.
Figure 1. Positive And Negative Regulator
Figure 2. Typical Application
I


Podobny numer części - KA79L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79L05 FAIRCHILD-KA79L05 Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
KA79L05AD FAIRCHILD-KA79L05AD Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AD FAIRCHILD-KA79L05AD Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AM FAIRCHILD-KA79L05AM Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AM FAIRCHILD-KA79L05AM Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Podobny opis - KA79L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com