Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLAN-12D2A0 Arkusz danych(PDF) 2 Page - Bel Fuse Inc.

Numer części SLAN-12D2A0
Szczegółowy opis  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEL [Bel Fuse Inc.]
Strona internetowa  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLAN-12D2A0 Arkusz danych(HTML) 2 Page - Bel Fuse Inc.

  SLAN-12D2A0 Datasheet HTML 1Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 2Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 3Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 4Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 5Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 6Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
Feb. 16, 2012
Bel Power Inc., a subsidiary of Bel Fuse Inc.
NON-ISOLATED DC/DC CONVERTERS
3 Vdc – 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
Part Number Explanation
S LAN – 12 D 2A 0
1
2
3
4
5
6
1---Surface mount
4---Wide input voltage range (3-14.4V)
2---Series code
5--- Without sequencing
3---Output current (12A)
6---Enable, active high, change “0” to “L”
means active low;
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
15
V
Operating Ambient Temperature
-40
TA
85
C
see Thermal Considerations section
Storage Temperature
-55
Tstg
125
C
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in
the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
the device reliability.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
3
-
14.4
V
Input Current (full load)
-
-
12
A
VIN=3V to 14.4V, IO= IOmax
-
45
-
mA
VO,set = 0.6 Vdc
Input Current (no load)
-
75
-
mA
VO,set = 5 Vdc
VIN = 12Vdc, IO = 0,
module enabled
Input Stand-by Current
-
0.65
-
mA
VIN = 12V, module disabled
Input Reflected Ripple Current
(pk-pk)
-
40
-
mAp-p
5Hz to 20MHz, 1
μH source impedance; VIN
=0 to 14V, IO= IOmax ; See Test
Configurations
I
2t Inrush Current Transient
-
-
1
A
2s
Input Ripple Rejection (120Hz)
-
-60
-
dB
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
-1.0
-
+1.0
%Vo,set
with 0.1% tolerance for external resistor used to
set output voltage
Output Voltage
-3.0
-
+3.0
%Vo,set
Over all operating input voltage, resistive load,
and temperature conditions until end of life
Adjustment Range
0.6
-
5.5
V
1.selected by an external resistor
2.Some output voltages may not be possible
depending on the input voltage – see Feature
Descriptions Section
Remote Sense Range
-
-
0.5
V


Podobny numer części - SLAN-12D2A0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SLAN-12D2A0 BEL-SLAN-12D2A0 Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
More results

Podobny opis - SLAN-12D2A0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com