Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1581A Arkusz danych(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1581A
Szczegółowy opis  SAW Filter 137.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1581A Arkusz danych(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1581A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1581A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT :
E. PCB Footprint :
50Ω
HP Network analyzer
50Ω
SAW Filter
IN
OUT
9
4
1,2,3,5,6,7,8,10


Podobny numer części - TA1581A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TA1580AM TRANSKO-TA1580AM Datasheet
441Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1583A TAI-SAW-TA1583A Datasheet
141Kb / 8P
   SAW Filter 1680 MHz
TA1584A TAI-SAW-TA1584A Datasheet
249Kb / 8P
   SAW Filter 1568 MHz
TA1585A TAI-SAW-TA1585A Datasheet
195Kb / 8P
   SAW Filter 810 MHz
TA1586BB TAI-SAW-TA1586BB Datasheet
371Kb / 6P
   SAW Filter 1586MHz
More results

Podobny opis - TA1581A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
SF0137BA02305S APITECH-SF0137BA02305S Datasheet
160Kb / 3P
   137.5 MHz SAW Filter 1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0137BA02305S ICST-SF0137BA02305S Datasheet
137Kb / 2P
   137.5 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB1373A TAI-SAW-TB1373A Datasheet
737Kb / 8P
   IF SAW Filter 137.5 MHz SMD 19.0횞6.5 mm (BW=1 MHz)
logo
SIPAT Co,Ltd
LBN15014 SIPAT-LBN15014 Datasheet
273Kb / 5P
   137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
LBN15014 SIPAT-LBN15014 Datasheet
261Kb / 5P
   137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com