Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC76K Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADC76K
Szczegółowy opis  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76K Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  ADC76K Datasheet HTML 1Page - Burr-Brown (TI) ADC76K Datasheet HTML 2Page - Burr-Brown (TI) ADC76K Datasheet HTML 3Page - Burr-Brown (TI) ADC76K Datasheet HTML 4Page - Burr-Brown (TI) ADC76K Datasheet HTML 5Page - Burr-Brown (TI) ADC76K Datasheet HTML 6Page - Burr-Brown (TI) ADC76K Datasheet HTML 7Page - Burr-Brown (TI) ADC76K Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
16-Bit
Successive Approx.
Register (SAR)
16-Bit D/A
Converter
Reference
Clock
+
Parallel
Digital
Output
Short Cycle
Convert Command
}
Input Range
Select
Comparator In
Clock Rate Control
Clock Out
Status
Serial Out
16-Bit
ANALOG-TO-DIGITAL CONVERTER
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
DESCRIPTION
The ADC76 is a high quality, 16-bit successive ap-
proximation analog-to-digital converter. The ADC76
uses state-of-the-art laser-trimmed IC thin-film resis-
tors and is packaged in a hermetic 32-pin dual-in-line
package. The converter is complete with internal ref-
erence, short cycling capabilities, serial output, and
thin-film scaling resistors, which allow selection of
analog input ranges of
±2.5V, ±5V, ±10V, 0 to +5V,
0 to +10V and 0 to +20V.
It is specified for operation over two temperature
ranges: 0
°C to +70°C (J, K) and –25°C to +85°C (A, B).
Data is available in parallel and serial form with
corresponding clock and status output. All digital
inputs and outputs are TTL-compatible.
Power supply voltages are
±15VDC and +5VDC.
ADC76
FEATURES
q 16-BIT RESOLUTION
q LINEARITY ERROR:
±0.003% max (KG, BG)
q NO MISSING CODES GUARANTEED
FROM –25
°C TO +85°C
q 17
µs CONVERSION TIME (16-Bit)
q SERIAL AND PARALLEL OUTPUTS
®
©1990 Burr-Brown Corporation
PDS-1063A
Printed in U.S.A. December, 1993


Podobny numer części - ADC76K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Podobny opis - ADC76K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com