Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1250U Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS1250U
Szczegółowy opis  20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1250U Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS1250U Datasheet HTML 3Page - Burr-Brown (TI) ADS1250U Datasheet HTML 4Page - Burr-Brown (TI) ADS1250U Datasheet HTML 5Page - Burr-Brown (TI) ADS1250U Datasheet HTML 6Page - Burr-Brown (TI) ADS1250U Datasheet HTML 7Page - Burr-Brown (TI) ADS1250U Datasheet HTML 8Page - Burr-Brown (TI) ADS1250U Datasheet HTML 9Page - Burr-Brown (TI) ADS1250U Datasheet HTML 10Page - Burr-Brown (TI) ADS1250U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
®
ADS1250
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
TYPICAL FFT ANALYSIS
OF THE 1kHz f
S INPUT SIGNAL (PGA = 4)
Frequency (Hz)
0
2500
5000
7500
10000
12500
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VD = VS = +5V, CLK = 9.6MHz, PGA = 1, and VREF = 4.096, unless otherwise specified.
100
80
60
40
20
0
POWER DISSIPATION vs CLK FREQUENCY
(PGA = 1)
CLK Frequency (MHz)
0.0
2.0
6.0
4.0
10.0
8.0


Podobny numer części - ADS1250U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1250U TI1-ADS1250U Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250U/1K TI1-ADS1250U/1K Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250U/1KG4 TI1-ADS1250U/1KG4 Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250UG4 TI1-ADS1250UG4 Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1250U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD79024 AD-AD79024 Datasheet
294Kb / 7P
   LC2MOS 20-Bit Data Acquisition System
REV. 0
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Analog Devices
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com