Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1211 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS1211
Szczegółowy opis  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1211 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS1211 Datasheet HTML 1Page - Burr-Brown (TI) ADS1211 Datasheet HTML 2Page - Burr-Brown (TI) ADS1211 Datasheet HTML 3Page - Burr-Brown (TI) ADS1211 Datasheet HTML 4Page - Burr-Brown (TI) ADS1211 Datasheet HTML 5Page - Burr-Brown (TI) ADS1211 Datasheet HTML 6Page - Burr-Brown (TI) ADS1211 Datasheet HTML 7Page - Burr-Brown (TI) ADS1211 Datasheet HTML 8Page - Burr-Brown (TI) ADS1211 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
®
5
ADS1210, 1211
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Third-Order
Digital Filter
Modulator Control
14
12
13
15
16
AGND
AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
6
19
20
21
7
10
11
98
17
18
DSYNC
CS
DRDY
MODE
SCLK
DGND
DV
DD
SDIO
SDOUT
4
5
2
3
24
1
22
23
MUX
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Micro Controller
ADS1211 SIMPLIFIED BLOCK DIAGRAM
ADS1211P AND ADS1211U PIN DEFINITIONS
TOP VIEW
DIP/SOIC
ADS1211P AND ADS1211U PIN CONFIGURATION
PIN NO
NAME
DESCRIPTION
1AIN3N
Inverting Input Channel 3.
2AIN2P
Noninverting Input Channel 2.
3AIN2N
Inverting Input Channel 2.
4AIN1P
Noninverting Input Channel 1.
5AIN1N
Inverting Input Channel 1.
6
AGND
Analog Ground.
7VBIAS
Bias Voltage Output, +3.3V nominal.
8
CS
Chip Select Input.
9
DSYNC
Control Input to Synchronize Serial Output Data.
10
XIN
System Clock Input.
11
XOUT
System Clock Output (for Crystal or Resonator).
12
DGND
Digital Ground.
13
DVDD
Digital Supply, +5V nominal.
14
SCLK
Clock Input/Output for serial data transfer.
15
SDIO
Serial Data Input (can also function as Serial Data
Output).
16
SDOUT
Serial Data Output.
17
DRDY
Data Ready.
18
MODE
SCLK Control Input (Master = 1, Slave = 0).
19
AVDD
Analog Supply, +5V nominal.
20
REFOUT
Reference Output: +2.5V nominal.
21
REFIN
Reference Input.
22
AIN4P
Noninverting Input Channel 4.
23
AIN4N
Inverting Input Channel 4.
24
AIN3P
Noninverting Input Channel 3.
ADS1211P
ADS1211U
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A
IN3N
A
IN2P
A
IN2N
A
IN1P
A
IN1N
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
A
IN3P
A
IN4N
A
IN4P
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD


Podobny numer części - ADS1211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1211 TI1-ADS1211 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211 TI1-ADS1211 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E TI1-ADS1211E Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E TI1-ADS1211E Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E/1K TI1-ADS1211E/1K Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com