Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA050063 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części LA050063
Szczegółowy opis  512C Up to 32 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LA050063 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  LA050063 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parker Hannifin Ltd
SSD Drives Division
New Courtwick Lane, Littlehampton,
West Sussex BN17 7RZ United Kingdom
Tel: +44 (0) 1903 737 000 Fax: +44 (0) 1903 737 100
sales.uk.ssd@parker.com
www.parker.com www.ssddrives.com
512C
Isolated control circuitry, a host of user facilities and
extremely linear control loop make the 512C ideal for
single motor or multi-drive low power applications.
Designed for use on single phase supplies, the 512C
is suitable for controlling permanent magnet or shunt
wound DC motors in speed or torque control.
Up to 32 Amps
Features
Fully isolated control circuits
110V-415V AC supply selection
CE marked and EMC compliant
Multi Input speed and current setpoints
Zero speed and drive healthy output
Extremely linear control loops
Technical Specification
Power Supply: 110-115V, or 220-240V or 380-415V ± 10%
user selectable, single phase 50-60Hz ± 5%
Ambient: 0-40°C, up to 1000m ASL without derating
Overload: 150% for 60 seconds
Features
User Facilities
Link selection of AC supply voltage
Torque or speed control
3A DC field output
Power on, overcurrent and stall detect LEDs
MOV transient suppression
Buffered speed output (10V, 10mA)
Buffered current output (7.5V, 10mA)
Buffered ramp output (master/slave)
10V DC reference supply 10mA
Total setpoint off
Drive healthy output
Zero speed/zero setpoint output
Potentiometer Adjustments
Maximum speed
Minimum speed
Current limit
Speed stability
Acceleration ramp (1-80 seconds)
Deceleration ramp (1-80 seconds)
IR compensation
Product Details
Nominal
Supply Voltage
Vac
Armature
Voltage
Vdc
Field
Voltage
Vdc
110
90
100
240
180
210
415
320
360
Options
LA057605U012
512C/040
Single phase fuse kit
LA057605U016
512C/080
Single phase fuse kit
LA057605U032
512C/160
Single phase fuse kit
LA057605U050
512C/320
Single phase fuse kit
LA050063
Potentiometer kit
Dimensions
Type
A
B
C
D
E
Weight (kg)
512C/040,080,160
160
240
85
148
210
1.5/1.6/1.6
512C/320
160
240
123
148
210
2.9
Standards
• CEMarkedtoEN50178(Safety,LowVoltageDirective).
• CEMarkedtoEN61800-3(EMCDirective).
• ULlistedtoUSstandard
• cULlistedtoCanadiansafetystandards
Type
Armature Current
512C/040
4
512C/080
8
512C/160
16
512C/320
32


Podobny numer części - LA050063

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensata Technologies, I...
LA05-05-019A SENSATA-LA05-05-019A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA05-30-001Z SENSATA-LA05-30-001Z Datasheet
352Kb / 7P
   RECTANGULAR LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LA05-PB LEM-LA05-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
LA05-PB LEM-LA05-PB Datasheet
183Kb / 3P
   Current Transducer
logo
American Accurate Compo...
LA0510N1610 AAC-LA0510N1610 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
More results

Podobny opis - LA050063

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com