Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS774JP Arkusz danych(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS774JP
Szczegółowy opis  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS774JP Arkusz danych(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS774JP Datasheet HTML 5Page - Burr-Brown (TI) ADS774JP Datasheet HTML 6Page - Burr-Brown (TI) ADS774JP Datasheet HTML 7Page - Burr-Brown (TI) ADS774JP Datasheet HTML 8Page - Burr-Brown (TI) ADS774JP Datasheet HTML 9Page - Burr-Brown (TI) ADS774JP Datasheet HTML 10Page - Burr-Brown (TI) ADS774JP Datasheet HTML 11Page - Burr-Brown (TI) ADS774JP Datasheet HTML 12Page - Burr-Brown (TI) ADS774JP Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
®
ADS774
10
FIGURE 7. 12-Bit Data Format for 8-Bit Systems.
12/8
A
STATUS
DB11 (MSB)
DB0 (LSB)
Digital Common
O
ADS774
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
4
Data
Bus
Address
Bus
A
O
S/H CONTROL MODE
AND ADC774 EMULATION MODE
The Emulation Mode allows the ADS774 to be dropped into
most existing ADC774 sockets without changes to other
system hardware or software. In existing sockets, the analog
input is held stable during the conversion period so that
accurate conversions can proceed, but the input can change
rapidly at any time before the conversion starts. The Emula-
tion Mode uses the stability of the analog input during the
conversion period to both acquire and convert in a maximum
of 8
µs (8.5µs over temperature.) In fact, system throughput
can be increased, since the input to the ADS774 can start
slewing before the end of a conversion (after the acquisition
time), which is not possible with existing ADC774s.
The Control Mode is provided to allow full use of the
internal sample/hold, eliminating the need for an external
sample/hold in most applications. As compared with sys-
tems using separate sample/hold and A/D, the ADS774 in
the Control Mode also eliminates the need for one of the
control signals, usually the convert command. The com-
mand that puts the internal sample/hold in the hold state
also initiates a conversion, reducing timing constraints in
many systems.
The basic difference between these two modes is the
assumptions about the state of the input signal both before
and during the conversion. The differences are shown in
Figure 9 and Table VI. In the Control Mode, it is assumed
that during the required 1.4
µs acquisition time the signal is
not changing faster than the ADS774 can track. No assump-
tion is made about the input level after the convert command
arrives, since the input signal is sampled and conversion
begins immediately after the convert command. This means
that a convert command can also be used to switch an input
multiplexer or change gains on a programmable gain ampli-
fier, allowing the input signal to settle before the next
acquisition at the end of the conversion. Because aperture
jitter is minimized in the Control Mode, a high input fre-
quency can be converted without an external sample/hold.
In the Emulation Mode, a delay time is introduced between
the convert command and the start of conversion to allow the
ADS774 enough time to acquire the input signal before
converting. This increases the effective aperture delay time
from 0.02
µs to 1.6µs, but allows the ADS774 to replace the
ADC774 in most circuits without additional changes. In
designs where the input to the ADS774 is changing rapidly
in the 200ns prior to a convert command, system perfor-
mance may be enhanced by delaying the convert command
by 200ns.
When using the ADS774 in the Emulation Mode to replace
existing converters in current designs, a sample/hold ampli-
fier often precedes the converter. In these cases, no addi-
tional delay in the convert command will be needed. The
existing sample/hold will not be slewing excessively when
going from the sample mode to the hold mode prior to a
conversion.
In both modes, as soon as the conversion is completed the
internal sample/hold circuit immediately begins slewing to
track the input signal.
FIGURE 8. Connection to an 8-Bit Bus.
Processor
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Converter
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
Word 1
Word 2


Podobny numer części - ADS774JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS774JP TI1-ADS774JP Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774JPG4 TI1-ADS774JPG4 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS774JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com