Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7809P Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7809P
Szczegółowy opis  16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7809P Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  ADS7809P Datasheet HTML 1Page - Burr-Brown (TI) ADS7809P Datasheet HTML 2Page - Burr-Brown (TI) ADS7809P Datasheet HTML 3Page - Burr-Brown (TI) ADS7809P Datasheet HTML 4Page - Burr-Brown (TI) ADS7809P Datasheet HTML 5Page - Burr-Brown (TI) ADS7809P Datasheet HTML 6Page - Burr-Brown (TI) ADS7809P Datasheet HTML 7Page - Burr-Brown (TI) ADS7809P Datasheet HTML 8Page - Burr-Brown (TI) ADS7809P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1992 Burr-Brown Corporation
PDS-1154D
Printed in U.S.A., November, 1996
ADS7809
ADS7809
®
ADS7809
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
16-Bit 10
µs Serial CMOS Sampling
ANALOG-to-DIGITAL CONVERTER
FEATURES
q 100kHz SAMPLING RATE
q 86dB SINAD WITH 20kHz INPUT
q
±2 LSB INL
q DNL: 16 BITS “No Missing Codes”
q SIX SPECIFIED INPUT RANGES
q SERIAL OUTPUT
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 12-BIT ADS7808
q USES INTERNAL OR EXTERNAL
REFERENCE
q 100mW MAX POWER DISSIPATION
q 20-PIN 0.3" PLASTIC DIP AND SOIC
q SIMPLE DSP INTERFACE
DESCRIPTION
The ADS7809 is a complete 16-bit sampling analog-
to-digital using state-of-the-art CMOS structures. It
contains a 16-bit capacitor-based SAR A/D with S/H,
reference, clock, and a serial data interface. Data can
be output using the internal clock, or can be synchro-
nized to an external data clock. The ADS7809 also
provides an output synchronization pulse for ease of
use with standard DSP processors.
The ADS7809 is specified at a 100kHz sampling rate,
and guaranteed over the full temperature range. Laser-
trimmed scaling resistors provide various input ranges
including
±10V and 0V to 5V, while an innovative
design operates from a single +5V supply, with power
dissipation under 100mW.
The 20-pin ADS7809 is available in a plastic 0.3" DIP
and in an SOIC, both fully specified for operation over
the industrial –40
°C to +85°C range.
10k
CDAC
4k
20k
5k
Internal
+2.5V Ref
Clock
BUSY
Data Clock
Serial Data
Successive Approximation Register and Control Logic
Serial
Data
Out
Comparator
Buffer
20k
R/C
CS
Power
Down
R1
IN
R2
IN
R3
IN
REF
CAP
DEMO BOARD
AVAILABLE


Podobny numer części - ADS7809P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809PB TI1-ADS7809PB Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809PB TI1-ADS7809PB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7809P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com