Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7809UB Arkusz danych(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7809UB
Szczegółowy opis  16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7809UB Arkusz danych(HTML) 2 Page - Burr-Brown (TI)

  ADS7809UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7809UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
ADS7809
2
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors as shown in Figure 4, unless otherwise specified.
ADS7809P, U
ADS7809PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
T
Bits
ANALOG INPUT
Voltage Ranges
±10, 0V to 5V, etc. (See Table I)
Impedance
See Table I
Capacitance
35
T
pF
THROUGHPUT SPEED
Complete Cycle
Acquire and Convert
10
T
µs
Throughput Rate
100
T
kHz
DC ACCURACY
Integral Linearity Error
±3
±2
LSB(1)
Differential Linearity Error
+3, –2
±1
LSB
No Missing Codes
15
16
Bits
Transition Noise(2)
1.3
T
LSB
Full Scale Error(3,4)
±0.5
T
%
Full Scale Error Drift
±7
T
ppm/
°C
Full Scale Error(3,4)
Ext. 2.5000V Ref
±0.5
T
%
Full Scale Error Drift
Ext. 2.5000V Ref
±2
T
ppm/
°C
Bipolar Zero Error(3)
Bipolar Ranges
±10
T
mV
Bipolar Zero Error Drift
Bipolar Ranges
±2
T
ppm/
°C
Unipolar Zero Error(3)
0V tp 10V Ranges
±5
T
mV
Unipolar Zero Error(3)
0V to 4V, 0V to 5V Ranges
±3
T
mV
Unipolar Zero Error Drift
Unipolar Ranges
±2
T
ppm/
°C
Recovery to Rated Accuracy
1
µF Capacitor to CAP
1
T
ms
after Power Down
Power Supply Sensitivity
+4.75V < VD < +5.25V
±8
T
LSB
(VDIG = VANA = VD)
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 20kHz
90
100
96
T
dB(5)
Total Harmonic Distortion
fIN = 20kHz
–100
–90
T
–94
dB
Signal-to-(Noise+Distortion)
fIN = 20kHz
83
88
86
T
dB
–60dB Input
30
32
dB
Signal-to-Noise
fIN = 20kHz
83
88
86
T
dB
Full-Power Bandwidth(6)
250
T
kHz
SAMPLING DYNAMICS
Aperture Delay
40
T
ns
Transient Response
FS Step
2
T
µs
Overvoltage Recovery(7)
150
T
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
TT
T
V
Internal Reference Source Current
1
T
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
TT
T
V
For Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
T
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
TT
V
VIH
+2.0
VD +0.3V
TT
V
IIL
VIL = 0V
±10
T
µA
IIH
VIH = 5V
±10
T
µA


Podobny numer części - ADS7809UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7809UB TI1-ADS7809UB Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809UB TI1-ADS7809UB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809UB-1K TI1-ADS7809UB-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809UB-1KE4 TI1-ADS7809UB-1KE4 Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809UB/1K TI1-ADS7809UB/1K Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7809UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com