Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7818PB Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7818PB
Szczegółowy opis  2SC5161
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7818PB Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS7818PB Datasheet HTML 1Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 2Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
ADS7818
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
POWER SUPPLY REJECTION
vs POWER SUPPLY RIPPLE FREQUENCY
1
10
100
1k
10k
100k
1M
Power Supply Ripple Frequency (Hz)
30
25
20
15
10
5
0
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 10.9kHz, –0.2dB)
0
250
62.5
187.5
125
Frequency (kHz)
–120
–100
–80
–60
–40
–20
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 102kHz, –0.2dB)
–100
–80
–60
–40
–20
0
250
62.5
187.5
125
Frequency (kHz)
–120
CHANGE IN FULL-SCALE ERROR
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (V)
–1.2
0.2
–0.4
–0.6
–0.8
–1.0
–0.2
0.0
CHANGE IN OFFSET
vs EXTERNAL REFERENCE VOLTAGE
2.5
1.9
3.1
2.1
2.3
2.7
2.9
External Reference Voltage (V)
–0.4
0.5
0.0
–0.1
–0.2
–0.3
0.1
0.2
0.3
0.4
PEAK-TO-PEAK NOISE
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (LSB)
0.40
0.70
0.65
0.60
0.55
0.50
0.45


Podobny numer części - ADS7818PB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7818PB TI-ADS7818PB Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PB TI-ADS7818PB Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PB TI-ADS7818PB Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
ADS7818PB TI1-ADS7818PB Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818PBG4 TI-ADS7818PBG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com