Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7831U Arkusz danych(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7831U
Szczegółowy opis  12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7831U Arkusz danych(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7831U Datasheet HTML 2Page - Burr-Brown (TI) ADS7831U Datasheet HTML 3Page - Burr-Brown (TI) ADS7831U Datasheet HTML 4Page - Burr-Brown (TI) ADS7831U Datasheet HTML 5Page - Burr-Brown (TI) ADS7831U Datasheet HTML 6Page - Burr-Brown (TI) ADS7831U Datasheet HTML 7Page - Burr-Brown (TI) ADS7831U Datasheet HTML 8Page - Burr-Brown (TI) ADS7831U Datasheet HTML 9Page - Burr-Brown (TI) ADS7831U Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
®
ADS7831
t
9
Hi-Z State
t
8
BUSY
R/C
DATA BUS
MODE
Acquire
Data Valid
t
10
Data Valid
HI Z State
Convert
Convert
t
7
t
6
t
3
t
4
t
1
t
2
t
5
Acquire
t
12
FIGURE 2. Conversion Timing with Outputs Enabled After Conversion (CS Tied Low).
The nominal input impedance of 3.125k
Ω results from the
combination of the internal resistor network shown on page 3
of this data sheet and the external 50
Ω resistor. The input
resistor divider network provides inherent over-voltage pro-
tection guaranteed to at least
±25V. The 50Ω, 1% resistor
does not compromise the accuracy or drift of the converter. It
has little influence relative to the internal resistors, and tighter
tolerances are not required.
Note: The values shown for the internal resistors are for
reference only. The exact values can vary by
±30%. This is
true of all resistors internal to the ADS7831. Each resistive
divider is trimmed so that the proper division is achieved.
NOTE: (1) Full scale error includes offset and gain errors measured at both
+FS and –FS.
READING DATA
The ADS7831 outputs full parallel data in Binary Two’s
Complement data output format. The parallel output will be
active when R/C (pin 23) is HIGH, CS (pin 24) is LOW, and
no conversion is in progress. Any other combination will tri-
state the parallel output. Valid conversion data can be read in
a full parallel, 12-bit word on D11-D0 (pins 6-13 and 15-18).
Refer to Table II for ideal output codes.
After the conversion is completed and the output registers
have been updated, BUSY (pin 25) will go HIGH. Valid data
from the most recent conversion will be available on
D11-D0 (pins 6-13 and 15-18). BUSY going HIGH can be
used to latch the data. Refer to Table III and Figures 2 and 3.
Note: For best performance, the external data bus connected
to D11-D0 should not be active during a conversion. The
switching noise of the external asynchronous data signals
can cause digital feed through degrading the converter’s
performance.
The number of control lines can be reduced by tieing CS
LOW while using R/C to initiate conversions and activate
the output mode of the converter. See Figure 2.
ANALOG INPUT
The ADS7831 has a
±2.5V input range. Figures 4a and 4b
show the necessary circuit connections for the ADS7831
with and without external trim. Offset and full scale error(1)
specifications are tested and guaranteed with the 50
Ω resis-
tor shown in Figure 4b. This external resistor makes it
possible to trim the offset
±12mV using R
1 and P1 as shown
in Figure 4a. This resistor may be left out if the offset and
gain errors will be corrected in software or if they are
negligible in regards to the particular application. See the
Calibration section of the data sheet for details.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t
1
Convert Pulse Width
40
ns
t
2
Data Valid Delay
1310
1460
ns
After Start of Conversion
t
3
BUSY Delay
75
125
ns
From Start of Conversion
t
4
BUSY LOW
1300
1440
ns
t
5
BUSY Delay After
90
ns
End of Conversion
t
6
Aperture Delay
20
ns
t
7
Conversion Time
1285
1400
ns
t
8
Acquisition Time
200
250
ns
t
7 & t8
Throughput Time
1485
1650
ns
t
9
Bus Relinquish Time
10
55
83
ns
t
10
BUSY Delay
20
65
100
ns
After Data Valid
t
11
R/C to CS
10
ns
Setup Time
t
12
Time Between
1660
ns
Conversions
t
13
Bus Access Time
10
30
62
ns
TABLE III. Timing Specifications (T
MIN to TMAX).


Podobny numer części - ADS7831U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7831U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com